Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2192 Datasheet(PDF) 45 Page - Cadeka Microcircuits LLC.

Part # TMC2192
Description  10 Bit Encoder
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

TMC2192 Datasheet(HTML) 45 Page - Cadeka Microcircuits LLC.

Back Button TMC2192 Datasheet HTML 41Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 42Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 43Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 44Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 45Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 46Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 47Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 48Page - Cadeka Microcircuits LLC. TMC2192 Datasheet HTML 49Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 69 page
background image
PRODUCT SPECIFICATION
TMC2192
REV. 1.0.0 8/13/03
45
Control Register Definitions (continued)
VBI Ped Enable Register (0x14)
76543210
VBIPEDEM
Reg
Bit
Name
Description
14
7-0
VBIPEDEM
VBI Pedestal Enable, Even Fields.
VBIPEDEM is the bits 15-8 of VBIPEDE[15:0]. VBIPEDE controls the
addition of pedestal on a line by line basis from line 10 in NTSC
(VBIPEDE[0] = HIGH) to line 24 (VBIPEDE[14] = HIGH) in the EVEN field
of NTSC. VBIPEDE[15] controls the pedestal from line 25 to line 263
inclusive.
VBI Ped Enable Register (0x15)
76543210
VBIPEDEL
Reg
Bit
Name
Description
15
7-0
VBIPEDEL
VBI Pedestal Enable, Even Fields.
VBIPEDEL is the bits 7-0 of VBIPEDE[15:0]. VBIPEDE controls the
addition of pedestal on a line by line basis from line 10 in NTSC
(VBIPEDE[0] = HIGH) to line 24 (VBIPEDE[14] = HIGH) in the EVEN field
of NTSC. VBIPEDE[15] controls the pedestal from line 25 to line 263
inclusive.
VBI Ped Enable Register (0x16)
76543210
VBIPEDOM
Reg
Bit
Name
Description
16
7-0
VBIPEDOM
VBI Pedestal Enable, Odd Fields.
VBIPEDOM is the bits 14-7 of VBIPEDO[14:0]. VBIPEDO controls the
addition of pedestal on a line by line basis from line 273 (VBIPEDE[0] =
HIGH) to line 286 (VBIPEDE[13] = HIGH) in the ODD field of NTSC.
VBIPEDO[14] controls the pedestal from line 287 to line 525 inclusive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com