Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZ Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS8427-CSZ
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZ Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS8427-CSZ Datasheet HTML 50Page - Cirrus Logic CS8427-CSZ Datasheet HTML 51Page - Cirrus Logic CS8427-CSZ Datasheet HTML 52Page - Cirrus Logic CS8427-CSZ Datasheet HTML 53Page - Cirrus Logic CS8427-CSZ Datasheet HTML 54Page - Cirrus Logic CS8427-CSZ Datasheet HTML 55Page - Cirrus Logic CS8427-CSZ Datasheet HTML 56Page - Cirrus Logic CS8427-CSZ Datasheet HTML 57Page - Cirrus Logic CS8427-CSZ Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
CS8427
54
DS477F4
When reading data in one byte mode, a single byte
is returned, which can be from channel A or B data,
depending on a register control bit. If a write is be-
ing done, the CS8427 expects a single byte to be
input to its control port. This byte will be written to
both the A and B locations in the addressed word.
One byte mode saves the user substantial control
port access time, as it effectively accesses 2 bytes
worth of information in 1 byte's worth of access
time. If the control port's autoincrement addressing
is used in combination with this mode, multi-byte
accesses such as full-block reads or writes can be
done especially efficiently.
Two Byte mode
There are those applications in which the A and B
channel status blocks will not be the same, and the
user is interested in accessing both blocks. In
these situations, two byte mode should be used to
access the E buffer.
In this mode, a read will cause the CS8427 to out-
put two bytes from its control port. The first byte out
will represent the A channel status data, and the
2nd byte will represent the B channel status data.
Writing is similar, in that two bytes must now be in-
put to the CS8427's control port. The A channel
status data is first, B channel status data second.
19.2
AES3 User (U) Bit Management
The CS8427 U bit manager has two operating
modes: transmit all zeros and block mode.
19.2.1
Mode 1: Transmit All Zeros
Mode 1 causes only zeros to be transmitted in the
output U data, regardless of E buffer contents or
U data embedded in an input AES3 data stream.
This mode is intended for the user who does not
want to transceive U data, and simply wants the
output U channel to contain no data.
19.2.2
Mode 2: Block Mode
Mode 2 is very similar to the scheme used to con-
trol the C bits. Entire blocks of U data are buffered
from input to output, using a cascade of 3 block-
sized RAMs to perform the buffering. The user has
access to the second of these 3 buffers, denoted
the E buffer, through the control port. Block mode
is designed for use in AES3 in, AES3 out situations
in which input U data is decoded using a microcon-
troller through the control port. It is also the only
mode in which the user can merge his own U data
into the transmitted AES3 data stream.
The U buffer access only operates in two byte
mode, since there is no concept of A and B blocks
for user data. The arrangement of the data is as fol-
lows:Bit15[A7]Bit14[B7]Bit13[A6]Bit12[B6]...Bit1[A
0]Bit0[B0]. The arrangement of the data in the
each byte is that the MSB is the first received bit
and is the first transmitted bit. The first byte read is
the first byte received, and the first byte sent is the
first byte transmitted. If you read two bytes from the
E buffer, you will get the following arrangement:
A[7]B[7]A[6]B[6]....A[0]B[0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com