Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZ Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS8427-CSZ
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZ Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS8427-CSZ Datasheet HTML 26Page - Cirrus Logic CS8427-CSZ Datasheet HTML 27Page - Cirrus Logic CS8427-CSZ Datasheet HTML 28Page - Cirrus Logic CS8427-CSZ Datasheet HTML 29Page - Cirrus Logic CS8427-CSZ Datasheet HTML 30Page - Cirrus Logic CS8427-CSZ Datasheet HTML 31Page - Cirrus Logic CS8427-CSZ Datasheet HTML 32Page - Cirrus Logic CS8427-CSZ Datasheet HTML 33Page - Cirrus Logic CS8427-CSZ Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
CS8427
30
DS477F4
SPD1:SPD0 - Serial Audio Output Port Data Source
Default = ‘10’
00 - Reserved
01 - Serial Audio Input Port
10 - AES3 receiver
11 - Reserved
11.4 Clock Source Control (04h)
This register configures the clock sources of various blocks. In conjunction with the Data Flow Control register, var-
ious Receiver/Transmitter/Transceiver modes may be selected.
RUN - Controls the internal clocks, allowing the CS8427 to be placed in a “powered down”, low current consumption,
state.
Default = ‘0’
0 - Internal clocks are stopped. Internal state machines are reset. The fully static
control port is operational, allowing registers to be read or changed. Reading and
writing the U and C data buffers is not possible. Power consumption is low.
1 - Normal part operation. This bit must be written to the 1 state to allow the CS8427
to begin operation. All input clocks should be stable in frequency and phase when
RUN is set to 1.
CLK1:0 - Output side master clock input (OMCK) frequency to output sample rate (Fso) ratio selector. If these bits
are changed during normal operation, then always stop the CS8427 first (RUN = 0), write the new value, then start
the CS8427 (RUN = 1).
Default = ‘00’
00 - OMCK frequency is 256 * Fso
01 - OMCK frequency is 384 * Fso
10 - OMCK frequency is 512 * Fso
11 - Reserved
OUTC - Output Time Base
Default = ‘0’
0 - OMCK input pin, modified by the selected divide ratio bits CLK1:0.
1 - Recovered Input Clock
INC - Input Time Base Clock Source
Default = ‘0’
0 - Recovered Input Clock
1 - OMCK input pin, modified by the selected divide ratio bits CLK1:0.
RXD1:0 - Recovered Input Clock Source
Default = ‘00’
00 - 256 * Fsi, where Fsi is derived from the ILRCK pin (only possible when the
serial audio input port is in slave mode)
01 - 256 * Fsi, where Fsi is derived from the AES3 input frame rate
10 - Bypass the PLL and apply an external 256 * Fsi clock through the RMCK pin. The AES3
receiver is held in synchronous reset. This setting is useful to prevent UNLOCK
interrupts when using an external RMCK and inputting data through the serial audio input port.
11 - Reserved.
7
6
5
4
32
10
0
RUN
CLK1
CLK0
OUTC
INC
RXD1
RXD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com