Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZ Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS8427-CSZ
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZ Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS8427-CSZ Datasheet HTML 3Page - Cirrus Logic CS8427-CSZ Datasheet HTML 4Page - Cirrus Logic CS8427-CSZ Datasheet HTML 5Page - Cirrus Logic CS8427-CSZ Datasheet HTML 6Page - Cirrus Logic CS8427-CSZ Datasheet HTML 7Page - Cirrus Logic CS8427-CSZ Datasheet HTML 8Page - Cirrus Logic CS8427-CSZ Datasheet HTML 9Page - Cirrus Logic CS8427-CSZ Datasheet HTML 10Page - Cirrus Logic CS8427-CSZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
CS8427
DS477F4
7
SWITCHING CHARACTERISTICS
Inputs: Logic 0 = 0 V, Logic 1 = VL+; CL = 20 pF.
Notes: 6. Cycle-to-cycle locking to RXP/RXN using 32 to 96 kHz external PLL filter components.
7. PLL is bypassed (RXD1:0 bits in the Clock Source Control register set to 10b), clock is input to the
RMCK pin.
Parameter
Symbol
Min
Typ
Max
Units
RST pin Low Pulse Width
200
-
-
μs
OMCK Frequency for OMCK = 512 * Fso
4.1
-
55.3
MHz
OMCK Low and High Width for OMCK = 512 * Fso
7.2
-
-
ns
OMCK Frequency for OMCK = 384 * Fso
3.1
-
41.5
MHz
OMCK Low and High Width for OMCK = 384 * Fso
10.8
-
-
ns
OMCK Frequency for OMCK = 256 * Fso
2.0
-
27.7
MHz
OMCK Low and High Width for OMCK = 256 * Fso
14.4
-
-
ns
PLL Clock Recovery Sample Rate Range
8.0
-
108.0
kHz
RMCK output jitter
(Note 6)
-
200
-
ps RMS
RMCK output duty cycle
40
50
60
%
RMCK Input Frequency
(Note 7)
1.8
-
27.7
MHz
RMCK Input Low and High Width
(Note 7)
14.4
-
-
ns
AES3 Transmitter Output Jitter
-
-
1
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com