Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZ Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS8427-CSZ
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZ Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS8427-CSZ Datasheet HTML 10Page - Cirrus Logic CS8427-CSZ Datasheet HTML 11Page - Cirrus Logic CS8427-CSZ Datasheet HTML 12Page - Cirrus Logic CS8427-CSZ Datasheet HTML 13Page - Cirrus Logic CS8427-CSZ Datasheet HTML 14Page - Cirrus Logic CS8427-CSZ Datasheet HTML 15Page - Cirrus Logic CS8427-CSZ Datasheet HTML 16Page - Cirrus Logic CS8427-CSZ Datasheet HTML 17Page - Cirrus Logic CS8427-CSZ Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
CS8427
14
DS477F4
clock routing and the associated control register
bits. The clock routing constraints determine which
data routing options are actually usable. Users
should note that not all the possible data flow
switch setting combinations are valid, because of
the clock distribution architecture.
The AESBP switch, shown in Figure 7, allows a
TTL level bi-phase, mark-encoded data stream
connected to RXP to be routed to the TXP and
TXN pin drivers. The TXOFF switch causes the
TXP and TXN outputs to be driven to ground.
There are two possible clock sources. The first,
designated the recovered clock, is the output of the
PLL, and is output through the RMCK pin. The in-
put to the PLL can be either the incoming AES3
data stream or the ILRCK word rate clock from the
serial audio input port. The second clock is input
through the OMCK pin and would normally be a
crystal derived stable clock. The Clock Source
Control Register bits determine which clock is used
to operate the CS8427.
The CS8427 has another constraint related to the
state machine that governs the startup of the part.
The startup state machine doesn’t complete its
process until the PLL has locked unless one is in
the transmitter dataflow (See Figure 10). The con-
sequence of this is that the transmitter will not
transmit until the PLL has locked. If you wish to use
the part in transceiver mode and this constraint is
a problem, there is a work around. Start the part up
in its default configuration and allow the PLL to lock
to a signal on the ILRCK pin, then without stopping
the part, reconfigure it to the transceiver mode.
By studying the following drawings and appropri-
ately setting the Data Flow Control and Clock
Source Control register bits, the CS8427 can be
configured to fit a variety of customer require-
ments. Please note that applications implementing
both the Serial Audio Output Port and the AES3
Transmitter must operate at the same sample rate
because they are both controlled by the same
clock source.
Figure 9 shows the entire data path clocked by the
PLL generated recovered clock. Figure 10 illus-
trates a standard AES3 receiver function. Figure
11 shows a standard AES3 transmitter function
without PLL. Figure 12 shows a standard AES3
transmitter function with PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com