Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZ Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS8427-CSZ
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZ Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS8427-CSZ Datasheet HTML 20Page - Cirrus Logic CS8427-CSZ Datasheet HTML 21Page - Cirrus Logic CS8427-CSZ Datasheet HTML 22Page - Cirrus Logic CS8427-CSZ Datasheet HTML 23Page - Cirrus Logic CS8427-CSZ Datasheet HTML 24Page - Cirrus Logic CS8427-CSZ Datasheet HTML 25Page - Cirrus Logic CS8427-CSZ Datasheet HTML 26Page - Cirrus Logic CS8427-CSZ Datasheet HTML 27Page - Cirrus Logic CS8427-CSZ Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 60 page
background image
CS8427
24
DS477F4
OLRCK
OSCLK
SDOUT
Channel A
Channel B
Left
Justified
(Out)
OLRCK
OSCLK
Channel A
SDOUT
Channel B
I²S
(Out)
OLRCK
OSCLK
Channel A
Channel B
MSB
SDOUT
MSB
LSB
LSB
MSB Extended
MSB Extended
Right
Justified
(Out)
OLRCK
OSCLK
Channel A
Channel B
MSB
SDOUT
LSB
LSB
Channel A
Channel B
LSB
LSB
MSB
MSB
MSB
AES3
Direct
(Out)
MSB
MSB
MSB
LSB
LSB
MSB
LSB
MSB
LSB
MSB
C
U
V
Z
C
U
V
Z
C
U
V
C
U
V
Frame 191
Frame 0
Figure 16. Serial Audio Output Example Formats
X = don’t care to match format, but does need to be set to the desired setting
* See Serial Output Data Format Register Bit Descriptions for an explanation of the meaning of each bit
SOMS*
SOSF*
SORES[1:0]*
SOJUST*
SODEL*
SOSPOL* SOLRPOL*
Left Justified
X
X
XX
0
0
0
0
I²S
X
X
XX
0
1
0
1
Right Justified
1
X
XX
1
0
0
0
AES3 Direct
X
X
11
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com