Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZ Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS8427-CSZ
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZ Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS8427-CSZ Datasheet HTML 28Page - Cirrus Logic CS8427-CSZ Datasheet HTML 29Page - Cirrus Logic CS8427-CSZ Datasheet HTML 30Page - Cirrus Logic CS8427-CSZ Datasheet HTML 31Page - Cirrus Logic CS8427-CSZ Datasheet HTML 32Page - Cirrus Logic CS8427-CSZ Datasheet HTML 33Page - Cirrus Logic CS8427-CSZ Datasheet HTML 34Page - Cirrus Logic CS8427-CSZ Datasheet HTML 35Page - Cirrus Logic CS8427-CSZ Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
CS8427
32
DS477F4
SORES1:0 - Resolution of the output data on SDOUT and on the AES3 output
Default = ‘00’
00 - 24-bit resolution
01 - 20-bit resolution
10 - 16-bit resolution
11 - Direct copy of the received NRZ data from the AES3 receiver (including C, U, and
V bits, the time slot normally occupied by the P bit is used to indicate the location
of the block start, SDOUT pin only, serial audio output port clock must be derived
from the AES3 receiver recovered clock)
SOJUST - Justification of SDOUT data relative to OLRCK
Default = ‘0’
0 - Left-justified
1 - Right-justified (master mode only)
SODEL - Delay of SDOUT data relative to OLRCK, for left-justified data formats
Default = ‘0’
0 - MSB of SDOUT data occurs in the first OSCLK period after the OLRCK edge
1 - MSB of SDOUT data occurs in the second OSCLK period after the OLRCK edge
SOSPOL - OSCLK clock polarity
Default = ‘0’
0 - SDOUT transitions occur on falling edges of OSCLK
1 - SDOUT transitions occur on rising edges of OSCLK
SOLRPOL - OLRCK clock polarity
Default = ‘0’
0 - SDOUT data is for the left channel when OLRCK is high
1 - SDOUT data is for the right channel when OLRCK is high
11.7 Interrupt 1 Status (07h) (Read Only)
For all bits in this register, a “1” means the associated interrupt condition has occurred at least once since the register
was last read. A ”0” means the associated interrupt condition has NOT occurred since the last reading of the register.
Reading the register resets all bits to 0, unless the interrupt mode is set to level and the interrupt source is still true.
Status bits that are masked off in the associated mask register will always be “0” in this register. This register defaults
to 00h.
TSLIP - AES3 transmitter source data slip interrupt.
In data flows where OMCK, which clocks the AES3 transmitter, is asynchronous to the data source, this
bit will go high every time a data sample is dropped or repeated. When TCBL is an input, this bit will go
high on receipt of a new TCBL signal.
OSLIP - Serial audio output port data slip interrupt.
When the serial audio output port is in slave mode, and OLRCK is asynchronous to the port data source,
this bit will go high every time a data sample is dropped or repeated.
DETC - D to E C-buffer transfer interrupt.
Indicates the completion of a D to E C-buffer transfer. See “Channel Status and User Data Buffer Man-
agement” on page 51 for more information.
EFTC - E to F C-buffer transfer interrupt.
Indicates the completion of a E to F C-buffer transfer. See “Channel Status and User Data Buffer Man-
agement” on page 51 for more information.
RERR - A receiver error has occurred.
The Receiver Error register may be read to determine the nature of the error which caused the interrupt.
7
6
5
4
32
10
TSLIP
OSLIP
0
0
0
DETC
EFTC
RERR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com