Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZ Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS8427-CSZ
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZ Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS8427-CSZ Datasheet HTML 32Page - Cirrus Logic CS8427-CSZ Datasheet HTML 33Page - Cirrus Logic CS8427-CSZ Datasheet HTML 34Page - Cirrus Logic CS8427-CSZ Datasheet HTML 35Page - Cirrus Logic CS8427-CSZ Datasheet HTML 36Page - Cirrus Logic CS8427-CSZ Datasheet HTML 37Page - Cirrus Logic CS8427-CSZ Datasheet HTML 38Page - Cirrus Logic CS8427-CSZ Datasheet HTML 39Page - Cirrus Logic CS8427-CSZ Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
CS8427
36
DS477F4
11.15 Receiver Error Mask (11h)
The bits in this register serve as masks for the corresponding bits of the Receiver Error register. If a mask bit is set
to 1, the error is unmasked, meaning that its occurrence will appear in the receiver error register, will affect the RERR
pin, will affect the RERR interrupt, and will affect the current audio sample according to the status of the HOLD bit.
If a mask bit is set to 0, the error is masked, meaning that its occurrence will not appear in the receiver error register,
will not affect the RERR pin, will not affect the RERR interrupt, and will not affect the current audio sample. The
CCRC and QCRC bits behave differently from the other bits: they do not affect the current audio sample even when
unmasked. This register defaults to 00h.
11.16 Channel Status Data Buffer Control (12h)
BSEL - Selects the data buffer register addresses to contain User data or Channel Status data
Default = ‘0’
0 - Data buffer address space contains Channel Status data
1 - Data buffer address space contains User data
CBMR - Control for the first 5 bytes of channel status “E” buffer
Default = ‘0’
0 - Allow D to E buffer transfers to overwrite the first 5 bytes of channel status data
1 - Prevent D to E buffer transfers from overwriting first 5 bytes of channel status data
DETCI - D to E C-data buffer transfer inhibit bit.
Default = ‘0’
0 - Allow C-data D to E buffer transfers
1 - Inhibit C-data D to E buffer transfers
EFTCI - E to F C-data buffer transfer inhibit bit.
Default = ‘0’
0 - Allow C-data E to F buffer transfers
1 - Inhibit C-data E to F buffer transfers
CAM - C-data buffer control port access mode bit
Default = ‘0’
0 - One byte mode
1 - Two byte mode
CHS - Channel select bit
Default = ‘0’
0 - Channel A information is displayed at the EMPH pin and in the receiver channel
status register. Channel A information is output during control port reads when
CAM is set to 0 (One Byte Mode)
1 - Channel B information is displayed at EMPH pin and in the receiver channel
status register. Channel B information is output during control port reads when
CAM is set to 0 (One Byte Mode)
7
6
5
4
32
10
0
QCRCM
CCRCM
UNLOCKM
VM
CONFM
BIPM
PARM
7
6
5
4
32
10
0
0
BSEL
CBMR
DETCI
EFTCI
CAM
CHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com