Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZ Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS8427-CSZ
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZ Datasheet(HTML) 3 Page - Cirrus Logic

  CS8427-CSZ Datasheet HTML 1Page - Cirrus Logic CS8427-CSZ Datasheet HTML 2Page - Cirrus Logic CS8427-CSZ Datasheet HTML 3Page - Cirrus Logic CS8427-CSZ Datasheet HTML 4Page - Cirrus Logic CS8427-CSZ Datasheet HTML 5Page - Cirrus Logic CS8427-CSZ Datasheet HTML 6Page - Cirrus Logic CS8427-CSZ Datasheet HTML 7Page - Cirrus Logic CS8427-CSZ Datasheet HTML 8Page - Cirrus Logic CS8427-CSZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
CS8427
DS477F4
3
11.14 Receiver Error (10h) (Read Only)................................................................................. 35
11.15 Receiver Error Mask (11h) ........................................................................................... 36
11.16 Channel Status Data Buffer Control (12h) .................................................................... 36
11.17 User Data Buffer Control (13h) ..................................................................................... 37
11.18 Q-Channel Subcode Bytes 0 to 9 (14h - 1Dh) (Read Only) ......................................... 37
11.19 OMCK/RMCK Ratio (1Eh) (Read Only)........................................................................ 38
11.20 C-bit or U-bit Data Buffer (20h - 37h) ........................................................................... 38
11.21 CS8427 I.D. and Version Register (7Fh) (Read Only) ................................................. 38
12. PIN DESCRIPTION - SOFTWARE MODE ........................................................................... 39
13. HARDWARE MODE DESCRIPTION ................................................................................... 42
13.1 Serial Audio Port Formats ............................................................................................. 42
14. PIN DESCRIPTION - HARDWARE MODE .......................................................................... 44
15. APPLICATIONS ................................................................................................................... 46
15.1 Reset, Power Down and Start-up .................................................................................. 46
15.2 ID Code and Revision Code .......................................................................................... 46
15.3 Power Supply, Grounding, and PCB layout ................................................................... 46
15.4 Synchronization of Multiple CS8427s ............................................................................ 46
16. PACKAGE DIMENSIONS .................................................................................................... 47
17. ORDERING INFORMATION ............................................................................................... 49
18. APPENDIX A: EXTERNAL AES3/SPDIF/IEC60958 TRANSMITTER AND RECEIVER COMPO-
NENTS .................................................................................................................................. 50
18.1 AES3 Transmitter External Components ....................................................................... 50
18.2 Isolating Transformer Requirements ............................................................................. 50
18.3 AES3 Receiver External Components ........................................................................... 51
18.4 Isolating Transformer Requirements ............................................................................. 51
19. APPENDIX B: CHANNEL STATUS AND USER DATA BUFFER MANAGEMENT ........... 52
19.1 AES3 Channel Status(C) Bit Management .................................................................... 52
19.1.1 Manually accessing the E buffer ....................................................................... 52
19.1.2 Reserving the first 5 bytes in the E buffer ......................................................... 53
19.1.3 Serial Copy Management System (SCMS) ....................................................... 53
19.1.4 Channel Status Data E Buffer Access .............................................................. 53
19.2 AES3 User (U) Bit Management .................................................................................... 54
19.2.1 Mode 1: Transmit All Zeros ............................................................................... 54
19.2.2 Mode 2: Block Mode ......................................................................................... 54
20. APPENDIX C: PLL FILTER .................................................................................................. 55
20.1 General .......................................................................................................................... 55
20.2 External Filter Components ........................................................................................... 56
20.2.1 General ............................................................................................................. 56
20.2.2 Capacitor Selection ........................................................................................... 56
20.2.3 Circuit Board Layout ......................................................................................... 56
20.3 Component Value Selection .......................................................................................... 57
20.3.1 Identifying the Part Revision ............................................................................. 57
20.3.2 Locking to the RXP/RXN Receiver Inputs ......................................................... 57
20.3.3 Locking to the ILRCK Input ............................................................................... 58
20.3.4 Jitter Tolerance ................................................................................................. 58
20.3.5 Jitter Attenuation ............................................................................................... 59
21. REVISION HISTORY ............................................................................................................ 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com