Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZ Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS8427-CSZ
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZ Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS8427-CSZ Datasheet HTML 29Page - Cirrus Logic CS8427-CSZ Datasheet HTML 30Page - Cirrus Logic CS8427-CSZ Datasheet HTML 31Page - Cirrus Logic CS8427-CSZ Datasheet HTML 32Page - Cirrus Logic CS8427-CSZ Datasheet HTML 33Page - Cirrus Logic CS8427-CSZ Datasheet HTML 34Page - Cirrus Logic CS8427-CSZ Datasheet HTML 35Page - Cirrus Logic CS8427-CSZ Datasheet HTML 36Page - Cirrus Logic CS8427-CSZ Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
CS8427
DS477F4
33
11.8 Interrupt 2 Status (08h) (Read Only)
For all bits in this register, a “1” means the associated interrupt condition has occurred at least once since the register
was last read. A ”0” means the associated interrupt condition has NOT occurred since the last reading of the register.
Reading the register resets all bits to 0, unless the interrupt mode is set to level and the interrupt source is still true.
Status bits that are masked off in the associated mask register will always be “0” in this register. This register defaults
to 00h.
DETU - D to E U-buffer transfer interrupt. (Block Mode only)
Indicates the completion of a D to E U-buffer transfer. See “Channel Status and User Data Buffer Man-
agement” on page 51 for more information.
EFTU - E to F U-buffer transfer interrupt. (Block Mode only)
Indicates the completion of a E to F U-buffer transfer. See “Channel Status and User Data Buffer Man-
agement” on page 51 for more information.
QCH - A new block of Q-subcode data is available for reading.
The data must be completely read within 588 AES3 frames after the interrupt occurs to avoid corruption
of the data by the next block.
11.9 Interrupt 1 Mask (09h)
The bits of this register serve as a mask for the Interrupt 1 register. If a mask bit is set to 1, the error is unmasked,
meaning that its occurrence will affect the INT pin and the status register. If a mask bit is set to 0, the error is masked,
meaning that its occurrence will not affect the INT pin or the status register. The bit positions align with the corre-
sponding bits in the Interrupt 1 register. This register defaults to 00h.
11.10 Interrupt 1 Mode MSB (0Ah) & Interrupt 1 Mode LSB (0Bh)
The two Interrupt Mode registers form a 2-bit code for each Interrupt Register 1 function. There are three ways to
set the INT pin active in accordance with the interrupt condition. In the Rising edge active mode, the INT pin be-
comes active on the arrival of the interrupt condition. In the Falling edge active mode, the INT pin becomes active
on the removal of the interrupt condition. In Level active mode, the INT interrupt pin becomes active during the in-
terrupt condition. Be aware that the active level (Active High or Low) only depends on the INT[1:0] bits. These reg-
isters default to 00.
00 - Rising edge active
01 - Falling edge active
10 - Level active
11 - Reserved
7
6
5
4
32
10
00
0
0
DETU
EFTU
QCH
0
7
6
5
4
32
10
TSLIPM
OSLIPM
0
0
0
DETCM
EFTCM
RERRM
7
6
5
4
32
10
TSLIP1
OSLIP1
0
0
0
DETC1
EFTC1
RERR1
TSLIP0
OSLIP0
0
0
0
DETC0
EFTC0
RERR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com