Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZ Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS8427-CSZ
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZ Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS8427-CSZ Datasheet HTML 34Page - Cirrus Logic CS8427-CSZ Datasheet HTML 35Page - Cirrus Logic CS8427-CSZ Datasheet HTML 36Page - Cirrus Logic CS8427-CSZ Datasheet HTML 37Page - Cirrus Logic CS8427-CSZ Datasheet HTML 38Page - Cirrus Logic CS8427-CSZ Datasheet HTML 39Page - Cirrus Logic CS8427-CSZ Datasheet HTML 40Page - Cirrus Logic CS8427-CSZ Datasheet HTML 41Page - Cirrus Logic CS8427-CSZ Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
CS8427
38
DS477F4
11.19 OMCK/RMCK Ratio (1Eh) (Read Only)
This register allows the calculation of the incoming sample rate by the host microcontroller from the
equation ORR=Fso/Fsi. The Fso is determined by OMCK, whose frequency is assumed to be 256
Fso. ORR is represented as an unsigned 2-bit integer and a 6-bit fractional part. The value is mean-
ingful only after the PLL has reached lock. For example, if the OMCK is 12.288 MHz, Fso would be
48 kHz (48 kHz = 12.288 MHz/256). Then if the input sample rate is also 48 KHz, you would get 1.0
from the ORR register.(The value from the ORR register is hexadecimal, so the actual value you will
get is 40h). If FSO/FSI > 3
63/
64, ORR will saturate at the value FFh. Also, there is no hysteresis on
ORR. Therefore a small amount of jitter on either clock can cause the LSB ORR[0] to oscillate.
ORR7:6 - Integer part of the ratio (Integer value=Integer(SRR[7:6]))
ORR5:0 - Fractional part of the ratio (Fraction value=Integer(SRR[5:0])/64)
11.20 C-bit or U-bit Data Buffer (20h - 37h)
Either channel status data buffer E or user data buffer E (provided UBM bits are set to block mode) is accessible
using these register addresses.
11.21 CS8427 I.D. and Version Register (7Fh) (Read Only)
ID3:0 - ID code for the CS8427. Permanently set to 0111
VER3:0 - CS8427 revision level. Revision A is coded as 0001
7
6
5
4
32
10
ORR7
ORR6
ORR5
ORR4
ORR3
ORR2
ORR1
ORR0
7
6
5
4
32
10
ID3
ID2
ID1
ID0
VER3
VER2
VER1
VER0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com