Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZ Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS8427-CSZ
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZ Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS8427-CSZ Datasheet HTML 16Page - Cirrus Logic CS8427-CSZ Datasheet HTML 17Page - Cirrus Logic CS8427-CSZ Datasheet HTML 18Page - Cirrus Logic CS8427-CSZ Datasheet HTML 19Page - Cirrus Logic CS8427-CSZ Datasheet HTML 20Page - Cirrus Logic CS8427-CSZ Datasheet HTML 21Page - Cirrus Logic CS8427-CSZ Datasheet HTML 22Page - Cirrus Logic CS8427-CSZ Datasheet HTML 23Page - Cirrus Logic CS8427-CSZ Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
CS8427
20
DS477F4
SIMS
PLL
TXP
TXN
SDOUT
OSCLK
OLRCK
OMCK
RMCK
RXP
ILRCK
ISCLK
SDIN
MUX
MUX
MUX
SWCLK
UNLOCK
0
1
0
1
0
1
CHANNEL
STATUS
MEMORY
USER
BIT
MEMORY
TRANSMIT
AES3
SERIAL
AUDIO
OUTPUT
INC
RXD0
MUX
0
1
OUTC
SERIAL
AUDIO
INPUT
RXD1
MUX
0
1
÷
CLK[1:0]
÷
RMCKF
Figure 8. CS8427 Clock Routing
Note: When SWCLK mode is enabled, signal input on OMCK is only output through RMCK and
not routed back through the RXD1 multiplexer; RMCK is not bi-directional in this mode.
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com