Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZ Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS8427-CSZ
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZ Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS8427-CSZ Datasheet HTML 18Page - Cirrus Logic CS8427-CSZ Datasheet HTML 19Page - Cirrus Logic CS8427-CSZ Datasheet HTML 20Page - Cirrus Logic CS8427-CSZ Datasheet HTML 21Page - Cirrus Logic CS8427-CSZ Datasheet HTML 22Page - Cirrus Logic CS8427-CSZ Datasheet HTML 23Page - Cirrus Logic CS8427-CSZ Datasheet HTML 24Page - Cirrus Logic CS8427-CSZ Datasheet HTML 25Page - Cirrus Logic CS8427-CSZ Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
CS8427
22
DS477F4
VLRCK
U (Out)
VLRCK is a virtual word clock, which may not exist, but is used to illustrate the U timing.
VLRCK duty cycle is 50%. VLRCK frequency is always equal to the incoming frame rate.
If the serial audio output port is in master mode, VLRCK = OLRCK.
If the serial audio output port is in slave mode, then VLRCK needs to be externally created, if required.
U transitions are aligned within 1% of VLRCK period to VLRCK edges
±
Figure 13. AES3 Receiver Timing for U pin output data
VCU[0]
VCU[1]
VCU[2]
VCU[3]
VCU[4]
VLRCK
Data [4]
Data [5]
Data [6]
Data [7]
Data [8]
Data [0]
Data [1]
Data [2]
Data [3]
Data [4]
TXP(N)
Z
Y
X
Y
X
AES3 Transmitter in Stereo Mode
U[0]
U[2]
TCBL
In or Out
VLRCK
U
Input
Data [4]
Data [5]
Data [6]
Data [7]
Data [8]
SDIN
Input
Data [0]*
Data [2]*
Data [4]*
TXP(N)
Output
Z
Y
X
* Assume MMTLR = 0
Tsetup => 7.5% AES3 frame time
Thold = 0
Tsetup
Thold
Data [1]*
Data [3]*
Data [5]*
TXP(N)
Output
ZY
X
AES3 Transmitter in Mono Mode
* Assume MMTLR = 1
Tsetup => 15% AES3 frame time
Thold = 0
VLRCK is a virtual word clock, which may not exist, is used to illustrate the CUV timing.
VLRCK duty cycle is 50%.
In stereo mode, VLRCK frequency = AES3 frame rate. In mono mode, ALRCK frequency = 2xAES3 frame rate.
If the serial audio input port is on slave mode and TCBL is an output, then VLRCK=ILRCK if SILRPOL=0 and
VLRCK= ILRCK
if SILRPOL =1.
If the serial audio input port is in master mode and TCBL is an input, then VLRCK=ILRCK if SILRPOL=0 and
VLRCK= ILRCK
if SILRPOL =1.
Tth
Tth > 3OMCK if TCBL is Input
Tth > 3OMCK if TCBL is Input
Tth
Figure 14. AES3 Transmitter Timing for C, U and V pin input data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com