Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZ Datasheet(PDF) 59 Page - Cirrus Logic

Part # CS8427-CSZ
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZ Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CS8427-CSZ Datasheet HTML 52Page - Cirrus Logic CS8427-CSZ Datasheet HTML 53Page - Cirrus Logic CS8427-CSZ Datasheet HTML 54Page - Cirrus Logic CS8427-CSZ Datasheet HTML 55Page - Cirrus Logic CS8427-CSZ Datasheet HTML 56Page - Cirrus Logic CS8427-CSZ Datasheet HTML 57Page - Cirrus Logic CS8427-CSZ Datasheet HTML 58Page - Cirrus Logic CS8427-CSZ Datasheet HTML 59Page - Cirrus Logic CS8427-CSZ Datasheet HTML 60Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
CS8427
DS477F4
59
20.3.5
Jitter Attenuation
Shown in Figure 33, Figure 34, Figure 35, and Fig-
ure 36 are jitter attenuation plots for the various re-
visions of the CS8427 when used with the
appropriate external PLL component values (as
noted in Table 7). The AES3 and IEC60958-4
specifications do not have allowances for locking
to sample rates less than 32 kHz or for locking to
the ILRCK input. These specifications state a max-
imum of 2 dB jitter gain or peaking.
10
−1
10
0
10
1
10
2
10
3
10
4
10
5
−20
−15
−10
−5
0
5
Jitter Frequency (Hz)
10
−1
10
0
10
1
10
2
10
3
10
4
10
5
−20
−15
−10
−5
0
5
Jitter Frequency (Hz)
10
−1
10
0
10
1
10
2
10
3
10
4
10
5
−25
−20
−15
−10
−5
0
5
Jitter Frequency (Hz)
10
−1
10
0
10
1
10
2
10
3
10
4
10
5
−25
−20
−15
−10
−5
0
5
Jitter Frequency (Hz)
Figure 33. Revision A
Figure 34. Revision A1
Figure 35. Revision A2 using A1 values
Figure 36. Revision A2 using A2* values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com