Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZ Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS8427-CSZ
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZ Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS8427-CSZ Datasheet HTML 25Page - Cirrus Logic CS8427-CSZ Datasheet HTML 26Page - Cirrus Logic CS8427-CSZ Datasheet HTML 27Page - Cirrus Logic CS8427-CSZ Datasheet HTML 28Page - Cirrus Logic CS8427-CSZ Datasheet HTML 29Page - Cirrus Logic CS8427-CSZ Datasheet HTML 30Page - Cirrus Logic CS8427-CSZ Datasheet HTML 31Page - Cirrus Logic CS8427-CSZ Datasheet HTML 32Page - Cirrus Logic CS8427-CSZ Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
CS8427
DS477F4
29
MMR - Select AES3 receiver mono or stereo operation
Default = ‘0’
0 - Normal stereo operation
1 - A and B subframes treated as consecutive samples of one channel of data. Data is duplicated to
both left and right parallel outputs of the AES receiver block. The input sample rate (Fsi) is doubled
compared to MMR=0
MMT - Select AES3 transmitter mono or stereo operation
Default = ‘0’
0 - Normal stereo operation
1 - Output either left or right channel inputs into consecutive subframe outputs (mono
mode, left or right is determined by MMTLR bit)
MMTCS - Select A or B channel status data to transmit in mono mode
Default = ‘0’
0 - Use channel A CS data for the A subframe and use channel B CS data for the B subframe
1 - Use the same CS data for both the A and B subframe outputs. If MMTLR = 0, use the
left channel CS data. If MMTLR = 1, use the right channel CS data.
MMTLR - Channel Selection for AES Transmitter mono mode
Default = ‘0’
0 - Use left channel input data for consecutive subframe outputs
1- Use right channel input data for consecutive subframe outputs
11.3 Data Flow Control (03h)
The Data Flow Control register configures the flow of audio data to/from the following blocks: Serial Audio Input Port,
Serial Audio Output Port, AES3 receiver, and AES3 transmitter. In conjunction with the Clock Source Control regis-
ter, multiple Receiver/Transmitter/Transceiver modes may be selected. The output data should be muted prior to
changing bits in this register to avoid transients.
TXOFF - AES3 Transmitter Output Driver Control
Default = ‘0
0 - AES3 transmitter output pin drivers normal operation
1 - AES3 transmitter output pin drivers drive to 0 V.
AESBP - AES3 bypass mode selection
Default = ‘0’
0 - Normal operation
1 - Connect the AES3 transmitter driver input directly to the RXP pin, which becomes a normal TTL
threshold digital input. The transmitter clock (selecting using the OUTC bit in the Clock Source Control)
must be present for the bypass mode to work.
TXD1:TXD0 - AES3 Transmitter Data Source
Default = ‘01’
00 - Reserved
01 - Serial audio input port
10 - AES3 receiver
11 - Reserved
7
6
5
4
32
10
0
TXOFF
AESBP
TXD1
TXD0
SPD1
SPD0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com