Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8427-CSZ Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS8427-CSZ
Description  96 kHz Digital Audio Interface Transceiver
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8427-CSZ Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS8427-CSZ Datasheet HTML 7Page - Cirrus Logic CS8427-CSZ Datasheet HTML 8Page - Cirrus Logic CS8427-CSZ Datasheet HTML 9Page - Cirrus Logic CS8427-CSZ Datasheet HTML 10Page - Cirrus Logic CS8427-CSZ Datasheet HTML 11Page - Cirrus Logic CS8427-CSZ Datasheet HTML 12Page - Cirrus Logic CS8427-CSZ Datasheet HTML 13Page - Cirrus Logic CS8427-CSZ Datasheet HTML 14Page - Cirrus Logic CS8427-CSZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
CS8427
DS477F4
11
2. TYPICAL CONNECTION DIAGRAM
* A separate analog supply is only necessary in applications where RMCK is used
for a jitter sensitive task. For applications where RMCK is not used for a jitter
sensitive task, connect VA+ to VD+ via a ferrite bead. Keep the decoupling
capacitor between VA+ and AGND.
CS8427
Cable
Termination
RXP
RXN
AES3/
SPDIF
Source
3-wire Serial
Audio Source
ILRCK
ISCLK
SDIN
Clock Source
and Control
RMCK
OMCK
Hardware
Control
RST
RERR
EMPH
TCBL
To other
CS8427's
Cable
Interface
AES3/
SPDIF
Equipment
TXP
TXN
3-wire Serial
Audio Input
Device
OLRCK
OSCLK
SDOUT
Microcontroller
SDA/CDOUT
AD0/CS
SCL/CCLK
AD1/CDIN
U
INT
VA+
V L+
Ferrite *
Bead
+5.0 V
Analog
Supply*
0.1 F
μ
0.1 F
μ
DGND
FILT
AGND
RFILT
CFILT
CRIP
H/S
+3.3 V or +5.0 V
Digital Supply
D
A2
/
Figure 5. Recommended Connection Diagram for Software Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com