Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 108 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 108 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 104Page - ATMEL Corporation ATtiny5 Datasheet HTML 105Page - ATMEL Corporation ATtiny5 Datasheet HTML 106Page - ATMEL Corporation ATtiny5 Datasheet HTML 107Page - ATMEL Corporation ATtiny5 Datasheet HTML 108Page - ATMEL Corporation ATtiny5 Datasheet HTML 109Page - ATMEL Corporation ATtiny5 Datasheet HTML 110Page - ATMEL Corporation ATtiny5 Datasheet HTML 111Page - ATMEL Corporation ATtiny5 Datasheet HTML 112Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 168 page
background image
108
8127C–AVR–10/09
ATtiny4/5/9/10
15.3 Non-Volatile Memories
The ATtiny4/5/9/10 have the following, embedded NVM:
• Non-Volatile Memory Lock Bits
• Flash memory with four separate sections
15.3.1
Non-Volatile Memory Lock Bits
The ATtiny4/5/9/10 provide two Lock Bits, as shown in Table 15-1.
The Lock Bits can be left unprogrammed ("1") or can be programmed ("0") to obtain the addi-
tional security shown in Table 15-2. Lock Bits can be erased to "1" with the Chip Erase
command, only.
Notes: 1. Program the configuration section bits before programming NVLB1 and NVLB2.
2. "1" means unprogrammed, "0" means programmed
Table 15-1.
Lock Bit Byte
Lock Bit
Bit No
Description
Default Value
7
1 (unprogrammed)
6
1 (unprogrammed)
5
1 (unprogrammed)
4
1 (unprogrammed)
3
1 (unprogrammed)
2
1 (unprogrammed)
NVLB2
1
Non-Volatile Lock Bit
1 (unprogrammed)
NVLB1
0
Non-Volatile Lock Bit
1 (unprogrammed)
Table 15-2.
Lock Bit Protection Modes
Memory Lock Bits (1)
Protection Type
Lock Mode
NVLB2 (2)
NVLB1 (2)
1
1
1
No Memory Lock feature Enabled
21
0
Further Programming of the Flash memory is disabled in
the external programming mode. The configuration
section bits are locked in the external programming
mode
30
0
Further programming and verification of the flash is
disabled in the external programming mode. The
configuration section bits are locked in the external
programming mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com