Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 111 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 111 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 107Page - ATMEL Corporation ATtiny5 Datasheet HTML 108Page - ATMEL Corporation ATtiny5 Datasheet HTML 109Page - ATMEL Corporation ATtiny5 Datasheet HTML 110Page - ATMEL Corporation ATtiny5 Datasheet HTML 111Page - ATMEL Corporation ATtiny5 Datasheet HTML 112Page - ATMEL Corporation ATtiny5 Datasheet HTML 113Page - ATMEL Corporation ATtiny5 Datasheet HTML 114Page - ATMEL Corporation ATtiny5 Datasheet HTML 115Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 168 page
background image
111
8127C–AVR–10/09
ATtiny4/5/9/10
15.3.5.1
Latching of Calibration Value
To ensure correct frequency of the calibrated internal oscillator the calibration value is automati-
cally written into the OSCCAL register during reset.
15.4 Accessing the NVM
NVM lock bits, and all Flash memory sections are mapped to the data space as shown in Figure
5-1 on page 15. The NVM can be accessed for read and programming via the locations mapped
in the data space.
The NVM Controller recognises a set of commands that can be used to instruct the controller
what type of programming task to perform on the NVM. Commands to the NVM Controller are
issued via the NVM Command Register. See “NVMCMD - Non-Volatile Memory Command Reg-
ister” on page 115. After the selected command has been loaded, the operation is started by
writing data to the NVM locations mapped to the data space.
When the NVM Controller is busy performing an operation it will signal this via the NVM Busy
Flag in the NVM Control and Status Register. See “NVMCSR - Non-Volatile Memory Control and
Status Register” on page 115. The NVM Command Register is blocked for write access as long
as the busy flag is active. This is to ensure that the current command is fully executed before a
new command can start.
Programming any part of the NVM will automatically inhibit the following operations:
• All programming to any other part of the NVM
• All reading from any NVM location
ATtiny4/5/9/10 support only external programming. Internal programming operations to NVM
have been disabled, which means any internal attempt to write or erase NVM locations will fail.
15.4.1
Addressing the Flash
The data space uses byte accessing but since the Flash sections are accessed as words and
organized in pages, the byte-address of the data space must be converted to the word-address
of the Flash section. This is illustrated in Figure 15-1. Also, see Table 15-3 on page 109.
The most significant bits of the data space address select the NVM Lock bits or the Flash sec-
tion mapped to the data memory. The word address within a page (WADDR) is held by bits
[WADDRMSB:1], and the page address (PADDR) by bits [PADDRMSB:WADDRMSB+1].
Together, PADDR and WADDR form the absolute address of a word in the Flash section.
The least significant bit of the Flash section address is used to select the low or high byte of the
word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com