Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny5 Datasheet(PDF) 109 Page - ATMEL Corporation

Part # ATtiny5
Description  8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny5 Datasheet(HTML) 109 Page - ATMEL Corporation

Back Button ATtiny5 Datasheet HTML 105Page - ATMEL Corporation ATtiny5 Datasheet HTML 106Page - ATMEL Corporation ATtiny5 Datasheet HTML 107Page - ATMEL Corporation ATtiny5 Datasheet HTML 108Page - ATMEL Corporation ATtiny5 Datasheet HTML 109Page - ATMEL Corporation ATtiny5 Datasheet HTML 110Page - ATMEL Corporation ATtiny5 Datasheet HTML 111Page - ATMEL Corporation ATtiny5 Datasheet HTML 112Page - ATMEL Corporation ATtiny5 Datasheet HTML 113Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 168 page
background image
109
8127C–AVR–10/09
ATtiny4/5/9/10
15.3.2
Flash Memory
The embedded Flash memory of ATtiny4/5/9/10 has four separate sections, as shown in Table
15-3 and Table 15-3.
Notes: 1. This section is read-only.
Notes: 1. This section is read-only.
15.3.3
Configuration Section
ATtiny4/5/9/10 have one configuration byte, which resides in the configuration section. See
Table 15-5.
Table 15-6 briefly describes the functionality of all configuration bits and how they are mapped
into the configuration byte.
Table 15-3.
Number of Words and Pages in the Flash (ATtiny9/10)
Section
Size (Bytes)
Page Size (Words)
Pages
WADDR
PADDR
Code (program memory)
1024
8
64
[3:1]
[9:4]
Configuration
8
8
1
[3:1]
–
Signature (1)
16
8
2
[3:1]
[4:4]
Calibration (1)
8
8
1
[3:1]
–
Table 15-4.
Number of Words and Pages in the Flash (ATtiny4/5)
Section
Size (Bytes)
Page Size (Words)
Pages
WADDR
PADDR
Code (program memory)
512
8
32
[3:1]
[9:4]
Configuration
8
8
1
[3:1]
–
Signature (1)
16
8
2
[3:1]
[4:4]
Calibration (1)
8
8
1
[3:1]
–
Table 15-5.
Configuration bytes
Configuration word address
Configuration word data
High byte
Low byte
0x00
Reserved
Configuration Byte 0
0x01 ... 0x07
Reserved
Reserved
Table 15-6.
Configuration Byte 0
Bit
Bit Name
Description
Default Value
7:3
–
Reserved
1 (unprogrammed)
2
CKOUT
System Clock Output
1 (unprogrammed)
1
WDTON
Watchdog Timer always on
1 (unprogrammed)
0
RSTDISBL
External Reset disable
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com