Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8228 Datasheet(PDF) 72 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 72 Page - ams AG

Back Button AS8228 Datasheet HTML 68Page - ams AG AS8228 Datasheet HTML 69Page - ams AG AS8228 Datasheet HTML 70Page - ams AG AS8228 Datasheet HTML 71Page - ams AG AS8228 Datasheet HTML 72Page - ams AG AS8228 Datasheet HTML 73Page - ams AG AS8228 Datasheet HTML 74Page - ams AG AS8228 Datasheet HTML 75Page - ams AG AS8228 Datasheet HTML 76Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 72 of 123
Address Roll Over
When the highest address on the EEPROM is reached, e.g. 7FFFh for a 32kB device, then the address counter
must roll over to 0000h.
Unused Upper Address Bits
Unused upper address bits must be ignored in any case. E.g. an 8kB device has a maximum address of 1FFFh
must interpret 7FFFh as 1FFFh, ignoring the higher bits.
Program Length
The program length is stored at the 2 topmost locations, means for a 32kB EEPROM at 7FFEh and 7FFFh. It is
possible to use any smaller EEPROM as long as it is guaranteed that
a) the upper unused address bits are ignored
b) an address roll over is performed after the highest address
Timing of AS8218 / AS8228 Boot Sequence
Detailed SPI timing generated by the AS8218 / AS8228 – see SPI section.
Figure 13: Timing diagram
The diagram shows the sequence applied to the EEPROM after device reset.
On the EEP_SI line you see:
03h (READ)
7Fh (address high)
FEh (address low)
On the EEP_SO line you see the answer of the EEPROM. In this case the first two values 22h and 00h are
forming the program length, means 0022h = 34 bytes are to be fetched and stored to the program memory
(P_RAM). The next values are 02h, 00h, 16h (LJMP 0016h) representing the first bytes of the program code.
03h
FEh
00h
00h
75h
22h
02h
16h
90h
7Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com