Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8228 Datasheet(PDF) 91 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 91 Page - ams AG

Back Button AS8228 Datasheet HTML 87Page - ams AG AS8228 Datasheet HTML 88Page - ams AG AS8228 Datasheet HTML 89Page - ams AG AS8228 Datasheet HTML 90Page - ams AG AS8228 Datasheet HTML 91Page - ams AG AS8228 Datasheet HTML 92Page - ams AG AS8228 Datasheet HTML 93Page - ams AG AS8228 Datasheet HTML 94Page - ams AG AS8228 Datasheet HTML 95Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 91 of 123
Squareroot Block (SQRT)
This SQRT block calculates the square root of a 40 bit input value (mapped to 5 eight bit input registers).
The output is a 20 bit number which is mapped to 3 eight bit output registers.
The calculation starts immediately after the least significant byte has been written (= address E8h).
For the square root calculation the Gypsi- or radicand algorithm is used, which produces one bit per clock
cycle. Thus after 20 cycles the result is available in the SQRTOUT[2:0] registers.
Note: The interrupt signal is not connected to the interrupt controller of the MCU, because the result is
available after a defined period of 4 machine cycles. The programmer has to take care for the correct timing.
For instance, 4 NOP instructions must be inserted before reading out the result.
When writing SQRTIN[39:36] are don’t care.
When reading SQRTOUT[23:20] those bits equal zero.
Data Registers
SFR-Address
Name
Description
E8h
SQRTIN0
Input value[7:0]
E9h
SQRTIN1
Input value[15:8]
EAh
SQRTIN2
Input value[23:16]
EBh
SQRTIN3
Input value[31:24]
ECh
SQRTIN4
Input value[39:32]
EDh
SQRTOUT0
Output value[7:0]
EEh
SQRTOUT1
Output value[15:8]
EFh
SQRTOUT2
Output value[19:16]
MOV SQRT4, #...
4
3
2
MOV SQRT0, #...
MOV A, SQRT2, ...
0
4 cyc
square root
calculation
start calculation
result available
Figure 23: Timing diagram
During the time of calculation data must not be overridden. As soon as the register SQRT0 is written, the
calculation sequence is retriggered and the result is calculated from the latest contents of the 5 input registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com