Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8228 Datasheet(PDF) 93 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 93 Page - ams AG

Back Button AS8228 Datasheet HTML 89Page - ams AG AS8228 Datasheet HTML 90Page - ams AG AS8228 Datasheet HTML 91Page - ams AG AS8228 Datasheet HTML 92Page - ams AG AS8228 Datasheet HTML 93Page - ams AG AS8228 Datasheet HTML 94Page - ams AG AS8228 Datasheet HTML 95Page - ams AG AS8228 Datasheet HTML 96Page - ams AG AS8228 Datasheet HTML 97Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 93 of 123
Watchdog Timer (WDT)
A watchdog timer is provided on-chip to automatically initiate a system reset if a ‘hold-off’ signal is not detected
within a predefined timeout period, by the watchdog.
The watchdog timer consists of a programmable timer driven either by the Mclk (main oscillator output
frequency), or the MCU clock (microcontroller unit clock). The watchdog timer timeout period is dependent
upon the programming of the WDTCLK register. When the watchdog times out, a reset signal is generated
which is OR-ed with the main system reset. Thus a watchdog timer reset is identical to a power on reset.
If the watchdog timer function is required, the watchdog is enabled by setting the WDTE register LSB (Bit 0).
As soon as this bit is enabled, the program must periodically access the WDTCLK register (either read or write)
to prevent the watchdog timer from timeout and thus resetting the device.
Register Name
Address
Reset Value
Description
WDTE
9180h
xxxx.xxx0b
Enables or disables the watchdog timer function
0: watchdog disabled
1: watchdog enabled
WDTCLK[1:0]
9181h
xxxx.xxx00b
A read or write access clears the watchdog timer. Writing
bits [1:0] selects the clock source.
x ........Don’t care
Watchdog Timer Enable Register (WDTE)
MSB
LSB
-
-
-
-
-
-
-
WDTE0
Bit
Symbol Function
7
-
Not used
6
-
Not used
5
-
Not used
4
-
Not used
3
-
Not used
2
-
Not used
1
-
Not used
0
WDTE0 Disables and enables the watchdog timer function
0: watchdog disabled
1: watchdog enabled
The watchdog timer has a selectable counter length of 18 bit, 20 bit or 22 bit for the Mclk and 18 bits for the
mcu_clk. It should be noted that while the Mclk has a fixed frequency, depending on the crystal frequency, the
MCU clock is programmable, being divisible by 1 to 128, in binary steps (see MCUCLKDIV Register
(‘mcu_clk’)). The timeout periods below assume the Mclk = 3.579545MHz (fixed crystal frequency).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com