Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8228 Datasheet(PDF) 44 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 44 Page - ams AG

Back Button AS8228 Datasheet HTML 40Page - ams AG AS8228 Datasheet HTML 41Page - ams AG AS8228 Datasheet HTML 42Page - ams AG AS8228 Datasheet HTML 43Page - ams AG AS8228 Datasheet HTML 44Page - ams AG AS8228 Datasheet HTML 45Page - ams AG AS8228 Datasheet HTML 46Page - ams AG AS8228 Datasheet HTML 47Page - ams AG AS8228 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 44 of 123
Bit
Symbol
Function
0
0
1
1
0
June
0
0
1
1
1
July
2
month.2
0
1
0
0
0
August
0
1
0
0
1
September
1
month.1
1
0
0
0
0
October
1
0
0
0
1
November
0
month.0
1
0
0
1
0
December
Year Register (9106h)
MSB
LSB
year.7
year.6
year.5
year.4
year.3
year.2
year.1
year.0
These bits represent current year value encoded in BCD format (value from 0 to 99).
The Alarm 1 or 2 is generated when the programmed time has been reached (seconds = 0!).
Minute Alarm Register (1/2) (9114h/9119h)
MSB
LSB
0
mina.6
mina.5
mina.4
mina.3
mina.2
mina.1
mina.0
These bits represent minute alarm information encoded in BCD format (values from 0 to 59).
Hour Alarm Register (1/2) (9115h/911Ah)
MSB
LSB
0
0
houra.5
houra.4
houra.3
houra.2
houra.1
houra.0
These bits represent hour alarm information encoded in BCD format (values from 0 to 23).
Day Alarm Register (1/2) (9116h/911Bh)
MSB
LSB
0
0
daya.5
daya.4
daya.3
daya.2
daya.1
daya.0
These bits represent day alarm information encoded in BCD format (values from 1 to 31).
Month / Century Alarm Register (1/2) (9117h/911Ch)
MSB
LSB
C
0
0
mona.4
mona.3
mona.2
mona.1
mona.0
These bits represent current month alarm value encoded in BCD format (value from 1 to 12). Please see also
the ‘month assignments’ table above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com