Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8228 Datasheet(PDF) 38 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 38 Page - ams AG

Back Button AS8228 Datasheet HTML 34Page - ams AG AS8228 Datasheet HTML 35Page - ams AG AS8228 Datasheet HTML 36Page - ams AG AS8228 Datasheet HTML 37Page - ams AG AS8228 Datasheet HTML 38Page - ams AG AS8228 Datasheet HTML 39Page - ams AG AS8228 Datasheet HTML 40Page - ams AG AS8228 Datasheet HTML 41Page - ams AG AS8228 Datasheet HTML 42Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 38 of 123
System Timing and Real Time Clock (RTC)
A low power crystal oscillator using a 3.0 to 4.0MHz crystal provides the AS8218 / AS8228 system timing. The
low power oscillator is internally connected to a low power divider, which provides a 1Hz signal to the real time
clock, which may be precision trimmed.
Low Power
Oscillator
Low Power
Divider
RTC
Register
Interface
1Hz
div[19:0]
MCU
Mclk
XIN
XOUT
VDD_BAT
clk_1hz
Figure 5:
System timing and RTC block diagram
Low Power Oscillator (LP_OSC)
The low power oscillator is connected to an external 3.0 to 4.0MHz crystal. The oscillator can be operated in
two modes, namely normal mode or low power mode. The low power mode is operational when the remainder
of the circuit is off (not operational).
Should a suitable external clock signal be preferred, this may be directly connected to the XIN pin, which is fed
through to output ‘Mclk’. In this case, XOUT is left unconnected.
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Current consumption, normal mode
Iosc,norm
20
50
µA
Current consumption, low power mode
Iosc,bat
7
µA
VDD_BAT = 2VDC @
25°C
Frequency range
fosc
3.0
3.579545
4.0
MHz
Supply voltage range
VDD_BAT
2.0
3.3
3.6
V
Duty cycle
duty_cyc
45
55
%
Low Power Divider (LP_DIV, 9130h – 9132h)
The main oscillator output frequency (Mclk) is divided down to 1Hz for the real time clock (RTC). The option to
use alternative crystal frequencies and still derive a 1Hz clock signal for the real time clock (RTC), is provided
through this internally programmable divider.
For power-saving reasons, the fast oscillator clock is first divided down by a fixed ratio (divide by 5) and then
the programmable divider follows.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com