Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8228 Datasheet(PDF) 36 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 36 Page - ams AG

Back Button AS8228 Datasheet HTML 32Page - ams AG AS8228 Datasheet HTML 33Page - ams AG AS8228 Datasheet HTML 34Page - ams AG AS8228 Datasheet HTML 35Page - ams AG AS8228 Datasheet HTML 36Page - ams AG AS8228 Datasheet HTML 37Page - ams AG AS8228 Datasheet HTML 38Page - ams AG AS8228 Datasheet HTML 39Page - ams AG AS8228 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 36 of 123
Status Register (Status, 9338h)
MSB
LSB
creep
mdm
i_lead
diro
pddeton
alarm
dai
ack
Bit
Symbol Function
7
creep
Indicator for creep situation, used as disable signal for LED pulse generation
0: no creep
1: creep
6
mdm
MCU Debug Mode flag
Enables the MDR to be written by the MCU. This is useful for debugging when the
programmer wants to know exactly what is received from the DSP block.
0: normal mode 1: debug mode as described later in the data sheet.
5
i_lead
Indicates if the mains current leads or lags the mains voltage.
0: mains current lags (inductive)
1: mains current leads (capacitive)
4
diro
DIRO indicator, signals when voltage and current are out of phase by 180°
0: 0° phase difference
1: 180° phase difference
Can only be read by MCU.
3
pddeton Enables the power-down detector functionality
0: no PD_DET functionality
1: PD_DET on
2
alarm
Indicates when the Vmains is falling below a predefined threshold. If this happens an interrupt is
generated and the alarm flag is set. The interrupt will be reset only when the alarm flag is reset.
0: no alarm
1: alarm that Vmains is low
1
dai
Data Available Interrupt flag
Indicates that an interrupt has been generated because new meter data are available.
0: no interrupt
1: interrupt due to new data
Set only by DSP. Resetable only by software (MCU).
A clear of ‘dai’ means that the irq is set back to 0.
0
ack
Acknowledge bit, indicates if MCU has transferred newly available data to its memory
1: Set by DSP, when data are ready on MDR. (not settable by MCU!)
0: Reset by MCU, when data have been taken.
When ack gets reset the contents of MDR-np is set to zero. The ‘P_ACCU’ always adds the contents of
MDR-np to the last value just before it transfers new data to the MDR. Thus, if ack=0 the MDR-np is
reset and nothing is added to the P_ACCU. If ack has not been cleared the np data is still available and
is added to the P_ACCU.
Current Channel Comparison
The two current channels can be compared by the microcontroller (MCU), if the greater of the two currents is
required for energy calculation. This is done by comparing the calculated RMS values of the two currents. The
threshold for changing from I1 to I2 (or visa versa) can also be set in the MCU.
Creep Detection
The standards specify that no pulses must be generated when there is no current flow (‘creep’). Additionally
there is a threshold for current when the meter must generate pulses in any case (‘starting current’). Therefore
a detection circuit must guarantee that these two situations are under control.
The AS8218 / AS8228 current channel data are evaluated in the MCU to find out if there is a ‘creep’ situation.
The related signal is used to stop the pulse generation if required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com