Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8228 Datasheet(PDF) 18 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 18 Page - ams AG

Back Button AS8228 Datasheet HTML 14Page - ams AG AS8228 Datasheet HTML 15Page - ams AG AS8228 Datasheet HTML 16Page - ams AG AS8228 Datasheet HTML 17Page - ams AG AS8228 Datasheet HTML 18Page - ams AG AS8228 Datasheet HTML 19Page - ams AG AS8228 Datasheet HTML 20Page - ams AG AS8228 Datasheet HTML 21Page - ams AG AS8228 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 18 of 123
Ω
⇒
Ω
=
=
=
3
.
4
42
.
4
2
mA
24
mV
150
2
I
V
R
L
)
p
(
in
VS
Voltage Input for Energy Calculation
The voltage channel input consisting of inputs VP and VN is differential, with VP connected to the tap of a
resistor divider circuit of the line voltage and VN connected to VSSA. For optimum operating conditions, the
input signal at VP should be set at 100mVp for the rated voltage condition.
The resistor values for an ideal voltage divider may be calculated as follows:
Assuming a Vmains of 230V (rms) → 325V (peak) and R2 = 470Ω (according to the voltage divider shown
below), the value of R1A+R1B may be calculated as follows:
V
mains
R1A+R1B
R2
V
in
Ω
=
−
×
Ω
=
−
×
=
+
M
53
.
1
mV
100
mV
100
V
325
470
V
)
V
V
(
2
R
B
1
R
A
1
R
)
P
(
in
)
P
(
in
mains
thus R1A = 820k
Ω and R1B = 750kΩ resistors may be selected.
The mains voltage is also sampled at 3.4956kHz, assuming that the recommended crystal oscillator frequency
of 3.5795MHz is used.
Digital Signal Processing Block (DSP)
The digital signal processing (DSP) block provides the signal processing required to ensure that the specified
measured accuracy is performed and that the microcontroller (MCU) is provided with the appropriate data and
protocol to perform all the required meter functions. For the description below, please refer to the following
block diagram (Figure 3).
The DSP makes allowance for phase correction of the two current channels (i1 and i2) within the Sinc
3
decimation filters in the phase correction block. The applicable phase correction setting (pcorr_i1 or pcorr_i2)
is selected (sel_i), depending upon which current (i1 or i2) is being used for the power calculation.
The equalization filters on the voltage and current channels which may be by-passed (sel_equ), correct for the
attenuation introduced by the decimation filters at the edge of the input frequency band, while the high pass
filters, which may also be by-passed (sel_hp), eliminate any DC offsets introduced into the input channels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com