Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8228 Datasheet(PDF) 39 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 39 Page - ams AG

Back Button AS8228 Datasheet HTML 35Page - ams AG AS8228 Datasheet HTML 36Page - ams AG AS8228 Datasheet HTML 37Page - ams AG AS8228 Datasheet HTML 38Page - ams AG AS8228 Datasheet HTML 39Page - ams AG AS8228 Datasheet HTML 40Page - ams AG AS8228 Datasheet HTML 41Page - ams AG AS8228 Datasheet HTML 42Page - ams AG AS8228 Datasheet HTML 43Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 39 of 123
div5
programmable divider
Mclk
clk_1hz
div[19:0]
Parameter
Symbol
Min
Typ
Max
Unit
Notes
Input frequency range
fMclk
3.0
3.579545
4.0
MHz
Supply voltage range
VDD_BAT
2.0
3.3
3.6
V
Division factor
n
1,048,575
1)
The setting of div[19:0] is located in the RTC registers (addresses: 9132h – 9130h)
Note:
1) The division factor n is effective on the frequency Mclk/5. It represents the actual division factor minus 1.
Example: Calculate n for oscillator frequency 3,579,545Hz. The frequency after the div5 is 715,909Hz.
Therefore, n must be 715,909 – 1 = 715,908. (Setting n = 1 means a division factor of 2)
2) n = 0 stops the clock.
Real-Time Clock (RTC)
The RTC can be directly accessed from the MCU via a dedicated interface register.
Two alarm registers are provided to indicate a certain time instance, such as the start of a new month. In that
case an interrupt is sent to the MCU. Constant frequency deviations of the crystal that is used can be trimmed
to an accuracy of better than +/-1.4ppm.
A seconds counter is provided which may be used for certain meter calculations. There is only one interrupt
output. The source of the interrupt is indicated in the Control/Status 2 register.
Register Interface
Time/
Calendar
Registers
Alarm
Registers
LP_DIV
Setting
Frequency
Trim
Seconds
Counter
MCU
LP_DIV
RTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com