Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8228 Datasheet(PDF) 49 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 49 Page - ams AG

Back Button AS8228 Datasheet HTML 45Page - ams AG AS8228 Datasheet HTML 46Page - ams AG AS8228 Datasheet HTML 47Page - ams AG AS8228 Datasheet HTML 48Page - ams AG AS8228 Datasheet HTML 49Page - ams AG AS8228 Datasheet HTML 50Page - ams AG AS8228 Datasheet HTML 51Page - ams AG AS8228 Datasheet HTML 52Page - ams AG AS8228 Datasheet HTML 53Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 49 of 123
Typical Display
The LCD above is a typical example of those used in electricity meter applications and consists of a number of
digits (generally up to 8 digits) including decimal points. Typically, annunciators (‘kWh’, ‘Volt’, etc.) are also
included to signify the type of data on display.
LCD Drive (LCD_DRIVE)
-
LCD drive mode is 1/4duty, 1/3bias.
-
4 back planes
-
24 segment drives (maximum)
All other parameters are listed in the table below:
Parameter
Symbol
Min
Typ
Max
Unit
Notes
LCD frame frequency
fLCD
33
39.4
44
Hz
1)
LCD voltage
VLCD
2.3
2.5
2.75
V
for selvlcd=’000’
V3
0.95 x VLCD
VLCD
1.05 x VLCD
V
V2
0.95 x 2/3VLCD 2/3VLCD 1.05 x 2/3VLCD
V
V1
0.95 x 1/3VLCD 1/3VLCD 1.05 x 1/3VLCD
V
LCD segment and back
plane drive voltages
V0
VSS
LCD DC component
VDCLCD
-20
0
20
mV
LCD drive impedance
RLCD
100
k
Ω
LCD load on each driver pin
Cload
300
pF
Note:
1)
These frequencies are derived from the master clock (3MHz; 3.58MHz; 4MHz) using a divider of 90,909.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com