Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8228 Datasheet(PDF) 56 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 56 Page - ams AG

Back Button AS8228 Datasheet HTML 52Page - ams AG AS8228 Datasheet HTML 53Page - ams AG AS8228 Datasheet HTML 54Page - ams AG AS8228 Datasheet HTML 55Page - ams AG AS8228 Datasheet HTML 56Page - ams AG AS8228 Datasheet HTML 57Page - ams AG AS8228 Datasheet HTML 58Page - ams AG AS8228 Datasheet HTML 59Page - ams AG AS8228 Datasheet HTML 60Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 56 of 123
MAKE_IRQ0/MAKE_IRQ1 (9500h/9501h)
The MAKE_IRQ registers specify if an interrupt should be generated after the related I/O input has changed.
The I/O pin, which caused the interrupt, will be indicated in the STATUS0/STATUS1 flag registers.
IOx:
0:
no interrupt on signal change
1:
generate an interrupt on signal change
MAKE_IRQ0
MSB
LSB
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
MAKE_IRQ1
MSB
LSB
0
0
0
0
IO11
IO10
IO9
IO8
AS8228 only
OUT_MUX0/OUT_MUX1/OUT_MUX2 (9502h/9503h/9504h)
The OUT_MUX registers specify the source signal for each of the I/O outputs. Every 2 bits are used as select
signals for the 4-way output multiplexer of the designated I/O.
OUT_MUX0
MSB
LSB
IO3: sel1
IO3: sel0
IO2: sel1
IO2: sel0
IO1: sel1
IO1: sel0
IO0: sel1
IO0: sel0
OUT_MUX1
MSB
LSB
IO7: sel1
IO7: sel0
IO6: sel1
IO6: sel0
IO5: sel1
IO5: sel0
IO4: sel1
IO4: sel0
OUT_MUX2
MSB
LSB
IO11: sel1
IO11: sel0
IO10: sel1
IO10: sel0
IO9: sel1
IO9: sel0
IO8: sel1
IO8: sel0
AS8228 only
The following table shows the settings for the output signal options:
sel1
sel0
Output Signal
Notes
0
0
register[x]
0
1
led
80ms pulse width
1
0
txd2
1
1
clk_1hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com