Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8228 Datasheet(PDF) 81 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 81 Page - ams AG

Back Button AS8228 Datasheet HTML 77Page - ams AG AS8228 Datasheet HTML 78Page - ams AG AS8228 Datasheet HTML 79Page - ams AG AS8228 Datasheet HTML 80Page - ams AG AS8228 Datasheet HTML 81Page - ams AG AS8228 Datasheet HTML 82Page - ams AG AS8228 Datasheet HTML 83Page - ams AG AS8228 Datasheet HTML 84Page - ams AG AS8228 Datasheet HTML 85Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 81 of 123
Hex
Code
Mnemonic
Operands
B/C
1)
Hex
Code
Mnemonic
Operands
B/C
1)
C0
PUSH
dir
2/1
2)
E0
MOVX
A, @DPTR
2/2
C1
AJMP
code addr
2/2
E1
AJMP
code addr
2/2
C2
CLR
bit addr
2/1
E2
MOVX
A, @R0
2/2
C3
CLR
C
1/1
E3
MOVX
A, @R1
2/2
C4
SWAP
A
1/1
E4
CLR
A
1/1
C5
XCH
A, dir
2/1
E5
MOV
A, dir
2/1
C6
XCH
A, @R0
1/1
E6
MOV
A, @R0
1/1
C7
XCH
A, @R1
1/1
E7
MOV
A, @R1
1/1
C8
XCH
A, R0
1/1
E8
MOV
A, R0
1/1
C9
XCH
A, R1
1/1
E9
MOV
A, R1
1/1
CA
XCH
A, R2
1/1
EA
MOV
A, R2
1/1
CB
XCH
A, R3
1/1
EB
MOV
A, R3
1/1
CC
XCH
A, R4
1/1
EC
MOV
A, R4
1/1
CD
XCH
A, R5
1/1
ED
MOV
A, R5
1/1
CE
XCH
A, R6
1/1
EE
MOV
A, R6
1/1
CF
XCH
A, R7
1/1
EF
MOV
A, R7
1/1
D0
POP
dir
2/1
2)
F0
MOVX
@DPTR, A
1/2
D1
ACALL
code addr
2/2
F1
ACALL
code addr
2/2
D2
SETB
bit addr
2/1
F2
MOVX
@R0, A
1/2
D3
SETB
C
1/1
F3
MOVX
@R1, A
1/2
D4
DA
A
1/1
F4
CPL
A
1/1
D5
DJNZ
dir, code addr
3/2
F5
MOV
dir, A
2/1
D6
XCHD
A, @R0
1/1
F6
MOV
@R0, A
1/1
D7
XCHD
A, @R1
1/1
F7
MOV
@R1, A
1/1
D8
DJNZ
R0, code addr
2/2
F8
MOV
R0, A
1/1
D9
DJNZ
R1, code addr
2/2
F9
MOV
R1, A
1/1
DA
DJNZ
R2, code addr
2/2
FA
MOV
R2, A
1/1
DB
DJNZ
R3, code addr
2/2
FB
MOV
R3, A
1/1
DC
DJNZ
R4, code addr
2/2
FC
MOV
R4, A
1/1
DD
DJNZ
R5, code addr
2/2
FD
MOV
R5, A
1/1
DE
DJNZ
R6, code addr
2/2
FE
MOV
R6, A
1/1
DF
DJNZ
R7, code addr
2/2
FF
MOV
R7, A
1/1
dir .............. variable in I_RAM
code addr ... address in code memory
data ........... immediate data
bit addr....... address of a bit in bit-addressable I_RAM
Notes:
1) ‘B’ = number of bytes
‘C’ = number of cycles
2) Optimised execution in a single cycle; normally 2 cycles
Addressing Modes
The MCU comprises all standard 8051 addressing modes. For completeness they are listed here. There are
five types. In two byte instructions the destination is specified first, then the source.
Mode
Examples
Notes
Register addressing
MOV A, R0
Register R0 in I_RAM one out of 4 banks
selected
Direct addressing
MOV R0, A
Moves contents of A to R0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com