Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8228 Datasheet(PDF) 54 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 54 Page - ams AG

Back Button AS8228 Datasheet HTML 50Page - ams AG AS8228 Datasheet HTML 51Page - ams AG AS8228 Datasheet HTML 52Page - ams AG AS8228 Datasheet HTML 53Page - ams AG AS8228 Datasheet HTML 54Page - ams AG AS8228 Datasheet HTML 55Page - ams AG AS8228 Datasheet HTML 56Page - ams AG AS8228 Datasheet HTML 57Page - ams AG AS8228 Datasheet HTML 58Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 54 of 123
8.3
Programmable Multi-Purpose I/Os (MPIO)
DATA
REGISTERS
Output
Multiplexer
[11:0]
Input
Register
[11:0]
Config Register
Output
Register
[11:0]
led
Pulse
Counter
sel_drv
clk_1hz
Input-
Multiplexer
[11:0]
IO0
IO11
register[x]
led
txd2
clk_1hz
sel1_io[x]
sel0_io[x]
out_io[x]
en_io0
out_io0
in_io0
en_io
sel_pupd
MCU
sel_in
out_mux
sel_refp
[11:0]
UART2
rxd2
txd2
Figure 8:
MPIO block diagram
A total of 9 bidirectional multi-purpose I/O pins (MPIO) are provided with the AS8218 and 12 bidirectional multi-
purpose I/O pins with the AS8228, which may be used for a variety of purposes. All the I/Os can be freely
programmed as inputs or outputs, with the option of either a pull-up or pull-down resistor. The drive strength of
the individual I/O pins may also be programmed. On start-up all the I/O pins are disabled.
Furthermore, a pulse counter is available, which can be used for calibration purposes (‘comparison calibration
method’: Between two LED pulses the pulses from a reference meter with much higher pulse rate are counted.
The result is used to calculate the calibration factor.).
MPIO Registers
All the MPIO registers are listed in the table below. The individual register functions are then described in
detail.
Register Name
Address
Reset Value
Notes
Config
MAKE_IRQ0
9500h
00h
MAKE_IRQ1
9501h
00h
OUT_MUX0
9502h
00h
OUT_MUX1
9503h
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com