Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8228 Datasheet(PDF) 29 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 29 Page - ams AG

Back Button AS8228 Datasheet HTML 25Page - ams AG AS8228 Datasheet HTML 26Page - ams AG AS8228 Datasheet HTML 27Page - ams AG AS8228 Datasheet HTML 28Page - ams AG AS8228 Datasheet HTML 29Page - ams AG AS8228 Datasheet HTML 30Page - ams AG AS8228 Datasheet HTML 31Page - ams AG AS8228 Datasheet HTML 32Page - ams AG AS8228 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 29 of 123
The ideal number of pulses Ni is the ratio between the pulse rates, which is always >1. The formula for Ni is as
follows:
)
mconst
(
Rate
Pulse
LED
)
ref
(
PR
Ni
=
,
where PR(ref) is the reference meter constant.
The Pulse_lev (ideal) is calculated using the following formula:
)
default
(
lev
_
Pulse
I
A
40
V
V
230
)
ideal
(
lev
_
Pulse
max
mains
×
×
=
Example
The reference meter has a pulse rate, which is 10,000 times greater than the pulse rate of the AS8218 /
AS8228 LED output. During a calibration cycle we measure 11,000 pulses between two LED pulses. Therefore
the ideal Pulse_lev has to be changed by a factor of 10,000/11,000 = 0.909.
LED Meter Constant Selection (mconst, 9330h)
The LED pulses are derived directly from the fast internal pulses (204,800i/kWh).
The ‘mconst’ register in SREG specifies the LED pulse rate:
MSB
LSB
-
-
-
-
mconst[3]
mconst[2]
mconst[1]
mconst[0]
Bit
Symbol
Function
7
-
Not used
6
-
Not used
5
-
Not used
4
-
Not used
Bit3
Bit2
Bit1
Bit0
LED Pulse Rate
0
0
0
0
204,800
0
0
0
1
102,400
3
mconst[3]
0
0
1
0
51,200
0
0
1
1
25,600
0
1
0
0
12,800
0
1
0
1
6,400
2
mconst[2]
0
1
1
0
3,200
0
1
1
1
1,600
1
0
0
0
800
1
mconst[1]
1
0
0
1
400
1
0
1
0
200
1
0
1
1
100
0
mconst[0]
1
1
X
X
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com