Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8228 Datasheet(PDF) 84 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 84 Page - ams AG

Back Button AS8228 Datasheet HTML 80Page - ams AG AS8228 Datasheet HTML 81Page - ams AG AS8228 Datasheet HTML 82Page - ams AG AS8228 Datasheet HTML 83Page - ams AG AS8228 Datasheet HTML 84Page - ams AG AS8228 Datasheet HTML 85Page - ams AG AS8228 Datasheet HTML 86Page - ams AG AS8228 Datasheet HTML 87Page - ams AG AS8228 Datasheet HTML 88Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 84 of 123
Interrupt Priorities
Each interrupt source can be individually assigned one of two priority levels. A low priority interrupt can always
be interrupted by a higher-priority interrupt, but not by another low priority interrupt. A high-priority interrupt
cannot be interrupted by any other interrupt source.
If the corresponding IP bit is set then this interrupt is serviced first if another interrupt request occurs at the
same time where the IP bit is zero.
Interrupt on the same priority level are serviced due to the internal polling sequence starting with DSP highest
down to RTC lowest.
Symbol
Position
Function
Source Flags
IP.7
-
PRTC
IP.6
Real time clock, priority bit
TSA, STF, A1F, A2F
PS2
IP.5
UART2 serial port, priority bit
RI, TI
PS
IP.4
1
UART1 serial port, priority bit
RI, TI
PSPI
IP.3
SPI serial port, priority bit
ITRA
PIOX
IP.2
MPIO external pin, priority bit
in Status 0 / Status 1
PT0
IP.1
1
Timer 0, priority bit
TF0
PDSP
IP.0
DSP priority bit
dai, alarm
Note:
1) Standard 8051 bits
PSPI
IP = 1
IP = 0
High
Priority
Interrupt
Low
Priority
Interrupt
IE Register
IP Register
Priority Level
High
Priority
Level
Low
Polling
Sequence
Global enable
Individual enables
Source
PS
PIOX
PTO
PDSP
PS2
PRTC
Figure 22: Interrupt control system



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com