Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS8228 Datasheet(PDF) 40 Page - ams AG

Part # AS8228
Description  Highly Integrated Single Phase 2 Current Energy Metering Integrated Circuits
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8228 Datasheet(HTML) 40 Page - ams AG

Back Button AS8228 Datasheet HTML 36Page - ams AG AS8228 Datasheet HTML 37Page - ams AG AS8228 Datasheet HTML 38Page - ams AG AS8228 Datasheet HTML 39Page - ams AG AS8228 Datasheet HTML 40Page - ams AG AS8228 Datasheet HTML 41Page - ams AG AS8228 Datasheet HTML 42Page - ams AG AS8228 Datasheet HTML 43Page - ams AG AS8228 Datasheet HTML 44Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 123 page
background image
Data Sheet AS8218 / AS8228
Revision 3.0, 31-May-06
Page 40 of 123
RTC Registers
Register Name
Address
Reset Value
Notes
Seconds / VL
9100h
80h
Minutes
9101h
00h
Hours
9102h
00h
Days
9103h
01h
Day of the Week
9104h
00h
Month / Century
9105h
01h
Years
9106h
00h
Control / Status 1
9110h
10h
Control / Status 2
9111h
00h
Seconds Timer Byte 0
9112h
01h
Seconds Timer Byte 1
9113h
00h
Minute Alarm 1
9114h
00h
Hour Alarm 1
9115h
00h
Day Alarm 1
9116h
01h
Month Alarm 1
9117h
01h
Years Alarm 1
9118h
00h
Minute Alarm 2
9119h
00h
Hour Alarm 2
911Ah
00h
Day Alarm 2
911Bh
01h
Month Alarm 2
911Ch
01h
Years Alarm 2
911Dh
00h
Divider Register Byte 0
9130h
84h
[7:0] = div [7:0] (LP_DIV)
Divider Register Byte 1
9131h
ECh
[7:0] = div [15:8] (LP_DIV)
Divider Register Byte 2
9132h
0Ah
[3:0] = div [19:16] (LP_DIV)
Frequency Trim
9133h
00h
Notes:
1) If illegal values (i.e. not defined in the following tables, e.g. ‘0’, no BCD code, not correct last day of month,
not correct leap year) are written to the time/date registers (00h – 06h), they are corrected to the first valid
number (‘automatic correction’)! Then an interrupt is generated and the TSA flag in the Control/Status 2
register is set.
2) All other registers are not corrected (e.g. alarm info incorrect
alarm is not met).
3) After power-up of VDD_BAT the time/date registers are stopped, the WAIT flag (Control/Status 1) is set.
4) Unused addresses will simply be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com