Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 141 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 141 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 137Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 138Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 139Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 140Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 141Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 142Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 143Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 144Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 145Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 240 page
background image
EM351 / EM357
Table 9-3. Counting Direction versus Encoder Signals
TI1FP1 Signal
TI2FP2 Signal
Active Edges
Level on
Opposite Signal
(TI1FP1 for TI2,
TI2FP2 for TI1)
Rising
Falling
Rising
Falling
High
Down
Up
No Count
No Count
Counting on TI1
only
Low
Up
Down
No Count
No Count
High
No Count
No Count
Up
Down
Counting on TI2
only
Low
No Count
No Count
Down
Up
High
Down
Up
Up
Down
Counting on TI1
and TI2
Low
Up
Down
Down
Up
An external incremental encoder can be connected directly to the MCU without external interface logic.
However, comparators are normally used to convert an encoder’s differential outputs to digital signals, and
this greatly increases noise immunity. If a third encoder output indicates the mechanical zero (or index)
position, it may be connected to an external interrupt input and can trigger a counter reset.
Figure 9-25 gives an example of counter operation, showing count signal generation and direction control. It
also shows how input jitter is compensated for when both inputs are used for counting. This might occur if the
sensor is positioned near one of the switching points. This example assumes the following configuration:
TIM_CC1S = 01 (TIMx_CCMR1 register, IC1FP1 mapped on TI1).
TIM_CC2S = 01 (TIMx_CCMR2 register, IC2FP2 mapped on TI2).
TIM_CC1P = 0 (TIMx_CCER register, IC1FP1 non-inverted, IC1FP1 = TI1).
TIM_CC2P = 0 (TIMx_CCER register, IC2FP2 non-inverted, IC2FP2 = TI2).
TIM_SMS = 011 (TIMx_SMCR register, both inputs are active on both rising and falling edges).
TIM_CEN = 1 (TIMx_CR1 register, counter is enabled).
Figure 9-25. Example of Counter Operation in Encoder Interface Mode
9-21
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com