Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 143 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 143 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 139Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 140Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 141Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 142Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 143Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 144Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 145Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 146Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 147Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 240 page
background image
EM351 / EM357
The counter starts counting on the internal clock, then behaves normally until the TI1 rising edge. When TI1
rises, the counter is cleared and restarts from 0. In the meantime, the trigger flag is set (the INT_TIMTIF bit in
the INT_TIMxFLAG register) and an interrupt request can be sent if enabled (depending on the INT_TIMTIF bit
in the INT_TIMxCFG register).
Figure 9-27 shows this behavior when the auto-reload register TIMx_ARR = 0x36. The delay between the rising
edge on TI1 and the actual reset of the counter is due to the resynchronization circuit on the TI1 input.
Figure 9-27. Control Circuit in Reset Mode
9.3.13.2
Slave Mode: Gated Mode
In gated mode the counter is enabled depending on the level of a selected input.
In the following example, the up-counter counts only when the TI1 input is low:
Configure channel 1 to detect low levels on TI1:
Configure the input filter duration. In this example, no filter is required, so TIM_IC1F = 0000.
The capture prescaler is not used for triggering, so it is not configured.
The TIM_CC1S bits select the input capture source only, TIM_CC1S = 01 in the TIMx_CCMR1 register.
Write TIM_CC1P = 1 in the TIMx_CCER register to validate the polarity (and detect low level only).
Configure the timer in gated mode: Write TIM_SMS = 101 in the TIMx_SMCR register.
Select TI1 as the input source by writing TIM_TS = 101 in the TIMx_SMCR register.
Enable the counter: Write TIM_CEN = 1 in the TIMx_CR1 register. In gated mode, the counter does not start
if TIM_CEN = 0, regardless of the trigger input level.
The counter starts counting on the internal clock as long as TI1 is low and stops as soon as TI1 becomes high.
The INT_TIMTIF flag in the INT_TIMxFLAG register is set when the counter starts and when it stops. The delay
between the rising edge on TI1 and the actual stop of the counter is due to the resynchronization circuit on
the TI1 input.
Figure 9-28 shows the counter in gated mode with counting enabled when TI1 is low.
Figure 9-28. Control Circuit in Gated Mode
9-23
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com