Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 176 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 176 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 172Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 173Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 174Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 175Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 176Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 177Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 178Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 179Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 180Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 240 page
background image
EM351 / EM357
10 ADC (Analog to Digital Converter)
The EM35x ADC is a first-order sigma-delta converter with the following features:
Resolution of up to 14 bits
Sample times as fast as 5.33 µs (188 kHz)
Differential and single-ended conversions from six external and four internal sources
Two voltage ranges (differential): -VREF to +VREF, and –VDD_PADS to +VDD_PADS
Choice of internal or external VREF
internal VREF may be output to PB0 or external VREF may be derived from PB0
Digital offset and gain correction
Dedicated DMA channel with one-shot and continuous operating modes
Figure 10-1 shows the basic ADC structure.
Figure 10-1. ADC Block Diagram
While the ADC Module supports both single-ended and differential inputs, the ADC input stage always operates
in differential mode. Single-ended conversions are performed by connecting one of the differential inputs to
VREF/2 while fully differential operation uses two external inputs.
Note:
The regulator input voltage, VDD_PADS, cannot be measured using the ADC, but it can be measured
through Ember software.
10.1
Setup and Configuration
To use the ADC follow this procedure, described in more detail in the next sections:
Configure any GPIO pins to be used by the ADC in analog mode.
Configure the voltage reference (internal or external).
Set the offset and gain values.
If using DMA, reset the ADC DMA, define the DMA buffer, and start the DMA in the proper transfer mode.
10-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com