Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 177 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 177 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 173Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 174Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 175Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 176Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 177Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 178Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 179Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 180Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 181Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 240 page
background image
EM351 / EM357
If interrupts will be used, configure the top-level and second-level ADC interrupt bits.
Write the ADC configuration register to define the inputs, voltage range, sample time, and start the
conversions.
10.1.1 GPIO Usage
A GPIO pin used by the ADC as an input or voltage reference must be configured in analog mode by writing 0
to its 4-bit field in the proper GPIO_PxCFGH/L register. Note that a GPIO pin in analog mode cannot be used
for any digital functions, and GPIO_PxIN always reads it as 1. Only certain pins can be configured in analog
mode, these are listed in Table 10-1.
Table 10-1. ADC GPIO Pin Usage
Analog Signal
GPIO
Configuration control
ADC0 input
PB5
GPIO_PBCFGH[7:4]
ADC1 input
PB6
GPIO_PBCFGH[11:8]
ADC2 input
PB7
GPIO_PBCFGH[15:12]
ADC3 input
PC1
GPIO_PCCFGL[7:4]
ADC4 input
PA4
GPIO_PACFGH[3:0]
ADC5 input
PA5
GPIO_PACFGH[7:4]
VREF input or output
PB0
GPIO_PBCFGL[3:0]
See Chapter 7, GPIO for more information about how to configure GPIO.
10.1.2 Voltage Reference
The ADC voltage reference (VREF), may be internally generated or externally sourced from PB0. If internally
generated, it may optionally be output on PB0. To output the internal VREF on PB0, the ADC must be enabled
(ADC_ENABLE bit set in the ADC_CFG register) and PB0 must be configured in analog mode.
To use an external reference, the Ember software must be called after reset and after waking from deep
sleep. PB0 must also be configured in analog mode using GPIO_PBCFGH[3:0]. See the Ember software
documentation for more information on using an external reference.
10.1.3 Offset/Gain Correction
When a conversion is complete, the 16-bit converted data is processed in several steps by offset/gain
correction hardware:
1. The initial signed ADC conversion result is added to the 16-bit signed (two’s complement) value of the ADC
offset register (ADC_OFFSET).
2. The offset-corrected data is multiplied by the 16-bit ADC gain register, ADC_GAIN, to produce a 16-bit
signed result. If the product is greater than 0x7FFF (32767), or less than 0x8000 (-32768), it is limited to
that value and the INT_ADCSAT bit is set in the INT_ADCFLAG register.
3. The offset/gain corrected value is divided by two to produce the final result.
ADC_GAIN is an unsigned scaled 16-bit value: ADC_GAIN[15] is the integer part of the gain factor and
ADC_GAIN[14:0] is the fractional part. As a result, ADC_GAIN values can represent gain factors from 0 through
(2 – 2-15). Although ADC_GAIN can represent a much greater range, its purpose is to correct small gain error,
and in practice is loaded with values within a range of about 0.95 to 1.05.
10-2
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com