Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 215 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 215 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 211Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 212Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 213Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 214Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 215Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 216Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 217Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 218Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 219Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 240 page
background image
EM351 / EM357
14 Data Watchpoint and Trace (DWT)
The EM35x integrates the standard ARM® Data Watchpoint and Trace (DWT). The DWT provides hardware
support for profiling and debugging functionality. The DWT offers the following features:
PC sampling
Comparators to support:
• Watchpoints – enters debug state
• Data tracing
• Cycle count matched PC sampling
Exception trace support
Instruction cycle count calculation support
Apart from exception tracing, DWT functionality is counter- or comparator-based. Watchpoint and data trace
support use a set of compare, mask, and function registers. DWT-generated events result in one of two
actions:
Generation of a hardware event packet. Packets are generated and combined with software events and
timestamp packets for transmission through the ITM/TPIU.
A core halt – entry to debug state.
When exception tracing is enabled, the DWT emits an exception trace packet under the following conditions:
Exception entry (from thread mode or pre-emption of a thread or handler).
Exception exit when exiting a handler.
Exception return when re-entering a pre-empted thread or handler code sequence.
The DWT is designed for use with advanced profiling and debug tools, available from multiple vendors.
Altering DWT configuration may conflict with the operation of advanced profiling and debug tools.
For further information on the DWT, contact Ember support for the ARM® CortexTM-M3 Technical Reference
Manual, the ARM® CoreSightTM Components Technical Reference Manual, the ARM® v7-M Architecture
Reference Manual, and the ARM® v7-M Architecture Application Level Reference Manual.
14-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com