Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM351-RTR Datasheet(PDF) 217 Page - List of Unclassifed Manufacturers

Part # EM351-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM351-RTR Datasheet(HTML) 217 Page - List of Unclassifed Manufacturers

Back Button EM351-RTR Datasheet HTML 213Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 214Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 215Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 216Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 217Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 218Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 219Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 220Page - List of Unclassifed Manufacturers EM351-RTR Datasheet HTML 221Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 240 page
background image
EM351 / EM357
16 Integrated Voltage Regulator
The EM35x integrates two low dropout regulators to provide 1.8 V and 1.25 V power supplies, as detailed in
Table 16-1. The 1V8 regulator supplies the analog and memories, and the 1V25 regulator supplies the digital
core. In deep sleep the voltage regulators are disabled.
When enabled, the 1V8 regulator steps down the pads supply voltage (VDD_PADS) from a nominal 3.0 V to
1.8 V. The regulator output pin (VREG_OUT) must be decoupled externally with a suitable capacitor.
VREG_OUT should be connected to the 1.8 V supply pins VDDA, VDD_RF, VDD_VCO, VDD_SYNTH, VDD_IF, and
VDD_MEM. The 1V8 regulator can supply a maximum of 50 mA.
When enabled, the 1V25 regulator steps down VDD_PADS to 1.25 V. The regulator output pin (VDD_CORE,
Pin 17) must be decoupled externally with a suitable capacitor. It should connect to the other VDD_CORE pin
(Pin 44). The 1V25 regulator can supply a maximum of 10 mA.
The regulators are controlled by the digital portion of the chip as described in Chapter 6, System Modules.
An example of decoupling capacitors and PCB layout can be found in the application notes (see Ember’s
various EM35x reference design documentation).
Table 16-1. Integrated Voltage Regulator Specifications
Spec Point
Min.
Typ.
Max.
Units
Comments
Supply range for regulator
2.1
3.6
V
VDD_PADS
1V8 regulator output
-5%
1.8
+5%
V
Regulator output after initialization
1V8 regulator output after
reset
-5%
1.75
+5%
Regulator output after reset
1V25 regulator output
-5%
1.25
+5%
V
Regulator output after initialization
1V25 regulator output
after reset
-5%
1.45
+5%
Regulator output after reset
1V8 regulator capacitor
2.2
µF
Low ESR tantalum capacitor
ESR greater than 2 Ω
ESR less than 10 Ω
de-coupling less than 100 nF ceramic
1V25 regulator capacitor
1.0
µF
Ceramic capacitor (0603)
1V8 regulator output
current
0
50
mA
Regulator output current
1V25 regulator output
current
0
10
mA
Regulator output current
No load current
600
µA
No load current (bandgap and regulators)
1V8 regulator current
limit
200
mA
Short circuit current limit
1V25 regulator current
limit
25
mA
Short circuit current limit
1V8 regulator start-up
time
50
µs
0 V to POR threshold
2.2 µF capacitor
1V25 regulator start-up
time
50
µs
0 V to POR threshold
1.0 µF capacitor
16-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com