Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4104IPFBREP Datasheet(PDF) 3 Page - Texas Instruments

Part # PCM4104IPFBREP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104IPFBREP Datasheet(HTML) 3 Page - Texas Instruments

  PCM4104IPFBREP Datasheet HTML 1Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 2Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 3Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 4Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 5Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 6Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 7Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 8Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
PCM4104-EP
SBAS419 – JUNE 2007
All parameters are specified at TA = 25°C with VCC = 5 V, VDD = 3.3 V, (unless otherwise noted) and a measurement
bandwidth from 10 Hz to 20 kHz, unless otherwise noted. System clock frequency is equal to 256fS for Single and Dual Rate
sampling modes, and 128fS for Quad Rate sampling mode.
PCM4104
PARAMETER
CONDITIONS
UNITS
MIN
TYP
MAX
RESOLUTION
24
Bits
DATA FORMAT
Audio data formats
Left or Right Justified, I2S, and TDM
Audio data word length
16
24
Bits
Binary data format
Two’s Complement Binary, MSB First
CLOCK RATES AND TIMING
Single rate sampling mode
6.144
36.864
System clock frequency
fSCLK
Dual rate sampling mode
13.824
36.864
MHz
Quad rate sampling mode
13.824
36.864
Single rate sampling mode
24
54
Sampling frequency
fS
Dual rate sampling mode
54
108
kHz
Quad rate sampling mode
108
216
SPI port data clock
fCCLK
24
MHz
SPI port data clock high time
tCCLKH
15
ns
SPI port data clock low time
tCCLKL
15
ns
DIGITAL INPUT/OUTPUT
VIH
2.0
V
Input logic level
VIL
0.8
V
IIH
VIN = 2.64 V (for –40°C to 85°C)
1
10
μA
Input logic current
IIL
VIN = 0.66 V (for –40°C to 85°C)
1
–10
μA
VOH
IOH = –2 mA (for –40°C to 85°C)
2.4
V
Output logic level
VOL
IOL = +2 mA (for –40°C to 85°C)
0.4
V
ANALOG OUTPUTS
Full-scale output voltage, differential
RL = 600 Ω
6.15
Vpp
Bipolar zero voltage
2.5
V
Output impedance
5
Ohms
Switched capacitor filter frequency
f = 20 kHz, all sampling modes
–0.2
dB
response
Gain error
0.5
% FSR
Gain mismatch, channel-to-channel
0.6
% FSR
Bipolar zero error
1
mV
VCOM1 and VCOM2 output voltage
VCC = 5 V
2.5
V
VCOM1 and VCOM2 output current
200
μA
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com