Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4104IPFBREP Datasheet(PDF) 27 Page - Texas Instruments

Part # PCM4104IPFBREP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104IPFBREP Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCM4104IPFBREP Datasheet HTML 23Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 24Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 25Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 26Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 27Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 28Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 29Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 30Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
www.ti.com
CS
CDIN
CCLK
Set CS = 1 here for Single Register Operations
Keep CS = 0 for writing or reading multiple registers in Continuous mode
byte 0
byte 1
byte 0
byte 1
byte N
Auto −Increment Control: Set to 0 for Single Register or Continuous Operation
Read/WriteControl: 0 = Write
1 = Read
Register Data
Control Byte
Register Data
Control Byte
CDOUT
High Impedance
byte 1
High Impedance
byte 2
byte N
Register Data
Register Data
R/W INC
1
0
A3
A2
A1
A0
Register Address
MSB
LSB
Control Byte Definition (Byte 0)
PCM4104-EP
SBAS419 – JUNE 2007
The Increment bit, INC, enables or disables the Auto-Increment mode of operation. When this bit is set to a 0,
auto-increment operation is disabled, and the operation performed is either Single Register or Continuous.
Setting the INC bit to 1 enables Auto-Increment operation.
A two-bit key code, 10B, follows the INC bit and must be present in order for any operation to take place on the
control port. Any other combination for these bits will result in the port ignoring the write or read request.
The four-bit address field, A[3:0], is used to specify the control register address for the read or write operation, or
the starting address for an Auto-Increment write or read operation.
Figure 16. Single Register and Continuous Write or Read Operation
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com