Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4104IPFBREP Datasheet(PDF) 7 Page - Texas Instruments

Part # PCM4104IPFBREP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104IPFBREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button PCM4104IPFBREP Datasheet HTML 3Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 4Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 5Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 6Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 7Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 8Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 9Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 10Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
www.ti.com
PCM4104-EP
SBAS419 – JUNE 2007
PIN ASSIGNMENTS (continued)
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VDD
19
Power
Digital Power Supply, 3.3 V
DGND
20
Ground
Digital Ground
CS
21
Input
Serial Peripheral Interface (SPI) Chip Select (Active Low)
CCLK
22
Input
Serial Peripheral Interface (SPI) Data Clock
CDIN
23
Input
Serial Peripheral Interface (SPI) Data Input
CDOUT
24
Output
Serial Peripheral Interface (SPI) Data Output
FMT0
25
Input
Audio Data Format Configuration
FMT1
26
Input
Audio Data Format Configuration
FMT2
27
Input
Audio Data Format Configuration
FS0
28
Input
Sampling Mode Configuration
FS1
29
Input
Sampling Mode Configuration
NC
30
No Internal Connection
NC
31
No Internal Connection
VREF4+
32
Input
Channel 4 High Reference Voltage; Connect to VCC
VREF4–
33
Input
Channel 4 Low Reference Voltage; Connect to AGND
AGND2
34
Ground
Analog Ground
VOUT4–
35
Output
Channel 4 Analog Output, Inverted
VOUT4+
36
Output
Channel 4 Analog Output, Noninverted
VCOM2
37
Output
DC Common-Mode Voltage for Channels 3 and 4, 2.5 V nominal
VOUT3+
38
Output
Channel 3 Analog Output, Noninverted
VOUT3–
39
Output
Channel 3 Analog Output, Inverted
VCC2
40
Power
Analog Power Supply, 5 V
VREF3+
41
Input
Channel 3 High Reference Voltage; Connect to VCC
VREF3–
42
Input
Channel 3 Low Reference Voltage; Connect to AGND
VREF2–
43
Input
Channel 2 Low Reference Voltage; Connect to AGND
VREF2+
44
Input
Channel 2 High Reference Voltage; Connect to VCC
VCC1
45
Power
Analog Power Supply, 5 V
VOUT2–
46
Output
Channel 2 Analog Output, Inverted
VOUT2+
47
Output
Channel 2 Analog Output, Noninverted
VCOM1
48
Output
DC Common-Mode Voltage for Channels 1 and 2, 2.5 V nominal
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com