Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4104IPFBREP Datasheet(PDF) 20 Page - Texas Instruments

Part # PCM4104IPFBREP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104IPFBREP Datasheet(HTML) 20 Page - Texas Instruments

Back Button PCM4104IPFBREP Datasheet HTML 16Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 17Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 18Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 19Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 20Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 21Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 22Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 23Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
www.ti.com
MSB
LSB
MSB
LSB
M S B
LSB
MSB
LSB
LSB
MSB
LSB
MSB
LRCK
BCK
DATA0
DATA1
LRCK
BCK
DATA0
DATA1
LRCK
BCK
DATA0
DATA1
(a) Left−Justified Data Format
(b) Right−Justified Data Format
(c) I2S Data Format
1/f
S
Ch. 1 (DATA0) or Ch. 3 (DATA1)
Ch. 2 (DATA0) or Ch. 4 (DATA1)
PCM4104-EP
SBAS419 – JUNE 2007
The LRCK pin functions as either the left/right word clock or the frame synchronization clock, depending upon
the data format selected. The LRCK frequency is equal to the input sampling frequency (44.1 kHz, 48 kHz, 96
kHz, etc.).
The BCK pin functions as the serial data clock input. This input is referred to as the bit clock. The bit clock runs
at an integer multiple of the input sampling frequency. Typical multiples include 32, 48, 64, 96, 128, 192, and
256, depending upon the data format, word length, and system clock frequency selected.
The DATA0 and DATA1 pins are the audio data inputs. When using Left Justified, Right Justified, or I2S data
formats, the DATA0 pin carries the audio data for channels 1 and 2, while the DATA1 pin carries the audio data
for channels 3 and 4. When using TDM data formats, DATA0 carries the audio data for all four channels, while
the DATA1 input is ignored.
The audio serial port data formats are shown in Figure 10, Figure 13, and Figure 14. Data formats are selected
by using the FMT[2:0] bits in Control Register 7 in Software mode, or by using the FMT0 (pin 25), FMT1 (pin
26), and FMT2 (pin 27) inputs in Standalone mode. In Software mode, the user may also select the phase
(normal or inverted) for the LRCK input, as well as the data sampling edge for the BCK input (either rising or
falling edge). The reset default conditions for the Software mode are normal phase for LRCK and rising edge
data sampling for BCK.
The Left Justified, Right Justified, and I2S data formats are similar to one another, with differences in data
justification and word length. The PCM audio data must be two's complement binary, MSB first. Figure 10
provides illustrations for these data formats.
The TDM formats carry the information for four or eight channels on a single data line. The DATA0 input (pin 17)
is used as the data input for the TDM formats. The data is carried in a time division multiplexed fashion; hence,
the TDM acronym used to describe this format. Figure 12 shows the TDM connection of two PCM4104 devices.
The data for each channel is assigned one of the time slots in the TDM frame, as shown in Figure 13 and
Figure 14. The sub-frame assignment for each PCM4104 is determined by the state of the SUB input (pin 13).
When SUB is forced low, the device is assigned to sub-frame 0. When SUB is forced high, the device is
assigned to sub-frame 1.
Figure 10. Left Justified, Right Justified, and I2S Data Formats
20
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com