Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4104IPFBREP Datasheet(PDF) 31 Page - Texas Instruments

Part # PCM4104IPFBREP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104IPFBREP Datasheet(HTML) 31 Page - Texas Instruments

Back Button PCM4104IPFBREP Datasheet HTML 27Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 28Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 29Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 30Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 31Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 32Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 33Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 34Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
www.ti.com
Register 6: System Control Register
FS[1:0] – Sampling Mode
PDN12 – Power-Down for Channels 1 and 2
PDN34 – Power-Down for Channels 3 and 4
RST – Software Reset (value defaults to 0)
PCM4104-EP
SBAS419 – JUNE 2007
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
RST
0
0
0
PDN34
PDN12
FS1
FS0
This register controls various system level functions of the PCM4104, including sampling mode, power down,
and soft reset.
FS1
FS0
Sampling Mode
0
0
Single Rate (default)
0
1
Dual Rate
1
0
Quad Rate
1
1
- Not Used -
PDN12
Power Down For Channels 1 And 2
0
Disabled (default)
1
Enabled
PDN34
Power Down For Channels 3 And 4
0
Disabled (default)
1
Enabled
Setting this bit to 1 will initiate a logic reset of the PCM4104. This bit functions the same as an external reset
applied at the RST input (pin 9).
31
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com