Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4104IPFBREP Datasheet(PDF) 30 Page - Texas Instruments

Part # PCM4104IPFBREP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104IPFBREP Datasheet(HTML) 30 Page - Texas Instruments

Back Button PCM4104IPFBREP Datasheet HTML 26Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 27Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 28Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 29Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 30Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 31Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 32Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 33Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
www.ti.com
Register 4: Attenuation Control Register – Channel 4
Register 5: Function Control Register
DEM[1:0] – Digital De-Emphasis
PHASE – Output Phase
ZDM – Zero Data Mute
MUT[4:1] – Soft Mute
PCM4104-EP
SBAS419 – JUNE 2007
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
AT47
AT46
AT45
AT44
AT43
AT42
AT41
AT40
This register controls the digital output attenuation for Channel 4.
Default: AT4[7:0] = 255, or 0 dB
Let N = AT4[7:0].
For N = 16 to 255, Attenuation (dB) = 0.5
× (255 – N)
or N = 0 to 15, Attenuation (dB) = Infinite (Muted)
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
MUT4
MUT3
MUT2
MUT1
ZDM
PHASE
DEM1
DEM0
This register controls various D/A converter functions, including de-emphasis filtering, output phase reversal,
zero data mute, and per-channel soft muting.
De-emphasis is available for Single Rate mode only.
De-emphasis is disabled for Dual and Quad Rate modes.
DEM1
DEM0
De-Emphasis Selection
0
0
De-emphasis disabled (default)
0
1
De-emphasis for fS = 48 kHz
1
0
De-emphasis for fS = 44.1 kHz
1
1
De-emphasis for fS = 32 kHz
PHASE
Output Phase
0
Noninverted (default)
1
Inverted
ZDM
Zero Mute
0
Disabled (default)
1
Enabled
MUTx
D/A Converter Output
0
On (default)
1
Muted
NOTE: x = channel number.
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com