Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4104IPFBREP Datasheet(PDF) 4 Page - Texas Instruments

Part # PCM4104IPFBREP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104IPFBREP Datasheet(HTML) 4 Page - Texas Instruments

  PCM4104IPFBREP Datasheet HTML 1Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 2Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 3Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 4Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 5Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 6Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 7Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 8Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
www.ti.com
PCM4104-EP
SBAS419 – JUNE 2007
ELECTRICAL CHARACTERISTICS (continued)
All parameters are specified at TA = 25°C with VCC = 5 V, VDD = 3.3 V, (unless otherwise noted) and a measurement
bandwidth from 10 Hz to 20 kHz, unless otherwise noted. System clock frequency is equal to 256fS for Single and Dual Rate
sampling modes, and 128fS for Quad Rate sampling mode.
PCM4104
PARAMETER
CONDITIONS
UNITS
MIN
TYP
MAX
DYNAMIC PERFORMANCE WITH 24-BIT DATA(1)
fS = 48 kHz
f = 1 kHz at 0 dBFS
–100
–94
Total harmonic distortion +
THD+N
f = 1 kHz at 0 dBFS (for –40
°C to 85°C)
-91
dB
noise
f = 1 kHz at –60 dBFS
–56
f = 1 kHz at –60 dBFS
112
118
dB
Dynamic range, A-weighted
f = 1 kHz at –60 dBFS (for –40C to 85
°C)
109
dB
Idle channel SNR, A-weighted
All zero input data
119
dB
Idle channel SNR, unweighted
All zero input data
116
dB
f = 1 kHz at 0 dBFS for active channel
100
110
dB
Channel separation
f = 1 kHz at 0 dBFS for active channel (for
98
dB
–40C to 85
°C)
fS = 96 kHz
f = 1 kHz at 0 dBFS,
–100
BW = 10 Hz to 40 kHz
Total harmonic distortion +
THD+N
dB
noise
f = 1 kHz at –60 dBFS,
–53
BW = 10 Hz to 40 kHz
Dynamic range, A-weighted
f = 1 kHz at –60 dBFS
118
dB
Idle channel SNR, A-weighted
All zero input data
119
dB
Idle channel SNR, unweighted
All zero input data, BW = 10 Hz to 40 kHz
113
dB
Channel separation
f = 1 kHz at 0 dBFS for active channel
110
dB
fS = 192 kHz
f = 1 kHz at 0 dBFS,
–97
BW = 10 Hz to 40 kHz
Total harmonic distortion +
THD+N
dB
noise
f = 1 kHz at –60 dBFS,
–53
BW = 10 Hz to 40 kHz
Dynamic range, A-weighted
f = 1 kHz at –60 dBFS
118
dB
Idle channel SNR, A-weighted
All zero input data
118
dB
Idle channel SNR, unweighted
All zero input data, BW = 10 Hz to 40 kHz
113
dB
Channel separation
f = 1 kHz at 0 dBFS for active channel
110
dB
DYNAMIC PERFORMANCE WITH 16-BIT DATA
fS = 44.1 kHz
f = 1 kHz at 0 dBFS
–92
Total harmonic distortion +
THD+N
dB
noise
f = 1 kHz at –60 dBFS
–33
Dynamic Range, A-weighted
f = 1 kHz at –60 dBFS
96
dB
Idle channel SNR, A-weighted(2)
All zero input data
118
dB
Idle channel SNR, unweighted(2)
All zero input data
115
dB
DIGITAL FILTERS
(1)
Dynamic performance parameters are measured using an Audio Precision System Two Cascade or Cascade Plus test system. Input
data word length is 24 bits with triangular PDF dither added for dynamic range and THD+N tests. Idle channel SNR is measured with
both the soft and zero data mute functions disabled and 0% full–scale input data with no dither applied. The measurement bandwidth is
limited by using the Audio Precision 10 Hz high–pass filter in combination with either the AES17 20 kHz low-pass filter or AES17 40 kHz
low-pass filter. All A-weighted measurements are performed using the Audio Precision A-weighting filter in combination with either the
22 kHz or 80 kHz low-pass filter. Measurement mode is set to RMS for all parameters. The AVERAGE measurement mode will yield
better typical performance numbers.
(2)
Idle Channel SNR is not limited by word length.
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com