Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4104IPFBREP Datasheet(PDF) 29 Page - Texas Instruments

Part # PCM4104IPFBREP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104IPFBREP Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM4104IPFBREP Datasheet HTML 25Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 26Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 27Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 28Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 29Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 30Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 31Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 32Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
www.ti.com
CONTROL REGISTER DEFINITIONS (Software Mode Only)
Register 1: Attenuation Control Register – Channel 1
Register 2: Attenuation Control Register – Channel 2
Register 3: Attenuation Control Register – Channel 3
PCM4104-EP
SBAS419 – JUNE 2007
The PCM4104 includes a small set of control registers, which are utilized to configure the full set of on-chip
functions in Software mode. The register map is shown in Table 6. Register 0 is reserved for factory use and
should not be written to for normal operation. Register 0 defaults to all zero data on power up or reset.
Table 6. Control Register Map
CONTROL
REGISTER
MSB
LSB
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
ADDRESS
BIT 7
BIT 0
(Hex)
0
0
0
0
0
0
0
0
0
1
AT17
AT16
AT15
AT14
AT13
AT12
AT11
AT10
2
AT27
AT26
AT25
AT24
AT23
AT22
AT21
AT20
3
AT37
AT36
AT35
AT34
AT33
AT32
AT31
AT30
4
AT47
AT46
AT45
AT44
AT43
AT42
AT41
AT40
5
MUT4
MUT3
MUT2
MUT1
ZDM
PHASE
DEM1
DEM0
6
RST
0
0
0
PDN34
PDN12
FS1
FS0
7
0
0
BCKE
LRCKP
0
FMT2
FMT1
FMT0
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
AT17
AT16
AT15
AT14
AT13
AT12
AT11
AT10
This register controls the digital output attenuation for Channel 1.
Default: AT1[7:0] = 255, or 0 dB
Let N = AT1[7:0].
For N = 16 to 255, Attenuation (dB) = 0.5
× (255 – N)
or N = 0 to 15, Attenuation (dB) = Infinite (Muted)
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
AT27
AT26
AT25
AT24
AT23
AT22
AT21
AT20
This register controls the digital output attenuation for Channel 2.
Default: AT2[7:0] = 255, or 0 dB
Let N = AT2[7:0].
For N = 16 to 255, Attenuation (dB) = 0.5
× (255 – N)
or N = 0 to 15, Attenuation (dB) = Infinite (Muted)
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0 (LSB)
AT37
AT36
AT35
AT34
AT33
AT32
AT31
AT30
This register controls the digital output attenuation for Channel 3.
Default: AT3[7:0] = 255, or 0 dB
Let N = AT3[7:0].
For N = 16 to 255, Attenuation (dB) = 0.5
× (255 – N)
or N = 0 to 15, Attenuation (dB) = Infinite (Muted)
29
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com