Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4104IPFBREP Datasheet(PDF) 18 Page - Texas Instruments

Part # PCM4104IPFBREP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104IPFBREP Datasheet(HTML) 18 Page - Texas Instruments

Back Button PCM4104IPFBREP Datasheet HTML 14Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 15Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 16Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 17Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 18Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 19Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 20Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 21Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
www.ti.com
1024 System Clock Periods
Required for Initialization
SCKI
Internal
Reset
0V
0V
0V
t
RSTL > 40ns
RST
Internal
Reset
Analog
Outputs
Outputs are On
Outputs are Muted
for 1024 SCKI Periods
Outputs are On
Outputs are Muted
Initialization
Period
HI
LO
POWER-DOWN OPERATION
PCM4104-EP
SBAS419 – JUNE 2007
Figure 6. External Reset Timing
Figure 7. Analog Output State for Reset Operations
The PCM4104 can be forced to a power-down state by applying a low level to the RST input for a minimum of
65,536 system clock cycles. In power-down mode, all internal clocks are stopped, and analog outputs are set to
a high-impedance state. The system clock can then be removed to conserve additional power. In the case of
system clock restart when exiting the power-down state, the clock should be restarted prior to a low-to-high
transition of the reset signal at the RST input. The low-to-high transition of the reset signal initiates a reset
sequence, as described in the Reset Operation section of this data sheet.
In Software mode, two additional power-down controls are provided. The PDN12 and PDN34 bits are located in
Control Register 6 and may be used to power-down channel pairs, with PDN12 corresponding to channels 1 and
2, and PDN34 corresponding to channels 3 and 4. This allows the user to conserve power when a channel pair
is not in use. The power-down function is the same as described in the previous paragraph for the
corresponding channel pair. Unlike the power-down function implemented using the RST input, setting a
power-down bit will immediately power down the corresponding channel pair.
When exiting power-down mode, either by forcing the RST input high or by setting the PDN12 or PDN34 bits
low, the analog outputs will transition from the high-impedance state to the mute state, with the output level set
to the bipolar zero voltage. There may be a small transient created by this transition, since internal capacitor
charge can initially force the output to a voltage above or below bipolar zero, or external circuitry can pull the
outputs to some other voltage level. Figure 8 illustrates the state of the analog outputs before, during, and after
a power-down event.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com