Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM4104IPFBREP Datasheet(PDF) 17 Page - Texas Instruments

Part # PCM4104IPFBREP
Description  High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM4104IPFBREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button PCM4104IPFBREP Datasheet HTML 13Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 14Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 15Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 16Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 17Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 18Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 19Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 20Page - Texas Instruments PCM4104IPFBREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
www.ti.com
RESET OPERATION
1024 System Clock Periods
Required for Initialization
System Clock
Indeterminate
or Inactive
SCKI
~ 2.0V
~ 4.0V
0V
0V
0V
0V
Internal
Reset
V
CC1
V
CC2
V
DD
PCM4104-EP
SBAS419 – JUNE 2007
The PCM4104 includes three reset functions: power-on, external, and software-controlled. This section
describes each of the three reset functions.
On power up, the internal reset signal is forced low, forcing the PCM4104 into a reset state. The power-on reset
circuit monitors the VDD, VCC1, and VCC2 power supplies. When VDD exceeds 2 V (margin of error is ±400 mV)
and VCC1 and VCC2 exceed 4 V (margin of error is ±400 mV), the internal reset signal is forced high. The
PCM4104 then waits for the system clock input (SCKI) to become active. Once the system clock has been
detected, the initialization sequence begins. The initialization sequence requires 1024 system clock periods for
completion. When the initialization sequence is completed, the PCM4104 is ready to accept audio data at the
audio serial port. Figure 5 shows the power-on reset sequence timing.
If the PCM4104 is configured for Software mode control via the SPI port, all control registers will be reset to their
default state during the initialization sequence. In both Standalone and Software modes, the analog outputs for
all four channels are muted during the reset and initialization sequence. While in mute state, the analog output
pins are driven to the bipolar zero voltage, or VCC/2.
The user may force a reset initialization sequence at any time while the system clock input is active by utilizing
the RST input (pin 9). The RST input is active low, and requires a minimum low pulse width of 40 nanoseconds.
The low-to-high transition of the applied reset signal will force an initialization sequence to begin. As in the case
of the power-on reset, the initialization sequence requires 1024 system clock periods for completion. Figure 6
illustrates the reset sequence initiated when using the RST input.
A reset initialization sequence is available in Software mode, using the RST bit in Control Register 6. The RST
bit is active high. When RST is set to 1, a reset sequence is initiated in the same fashion as an external reset
applied at the RST input.
Figure 7 shows the state of the analog outputs for the PCM4104 before, during and after the reset operations.
Figure 5. Power-Up Reset Timing
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com